Electronic Components Datasheet Search
  English  ▼

X  

12909 Datasheet(PDF) 1 Page - Evolt

Part # 12909
Description  LEDFIRE SM PRO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

12909 Datasheet(HTML) 1 Page - Evolt

  12909 Datasheet HTML 1Page - Evolt 12909 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEDFIRE SM PRO
Professional Surface Mounted Emergency Luminaire
Non-maintained operation
Soft-start charger to reduce building load
Lowest energy consumption (avg. <0.25W)
Selectable discharge rating for hazardous areas
Fast emergency switch-over (<0.5s) for high-task areas
Long life electronics
12 years design life at max. ambient
High Quality Lithium battery (LiFePO4) and smart charger
Standalone (SPU)
Self test (AS2293/ IEC62034
DALI (IEC62386)
Ektor wired monitored system
ORDERING INFORMATION
Order code
01689
Description
Ledfire Surface Mounted
Emergency Luminaire -D80
Driver Type
DALI DT1 Emergency
Item Code
EV-LEDFIRE-SM-PRO
MECHANICAL
Body Material
Polycarbonate
Fitting Colour
White
Installation Type
Surface mount
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Maximum Wattage
3 W
Standby Power
0.25 W
Standby power for non-maintained/switched maintained emergency devices is
measured when the light is off and the charger is in standby mode. For
maintained emergency devices, standby power is measured when the light is on
and the charger is in standby mode. Typically, charging occurs for the first 16
hours after the device is powered or after a battery discharge.
Working Temp Range
0 to 40 °C
COLOUR TEMPERATURE
LED Wattage
4.3 W
DRIVER
Dimmable
No
Driver Included
Yes
Driver Type
DALI DT1 Emergency
Wiring Type
Re-wireable terminal block (5
pin)
EMERGENCY (EM SUFFIX)
Replacement Battery Code
01303
Emergency Classification
C0:D80, C90:D80
Emergency Control
DALI Monitored (DT1)
DALI Monitored ~ Supports Emergency test and monitoring over DALI
(IEC62386) with full compliance to IEC62386-202.
Emergency Duration
90 mins
Emergency Lumen Output
370 lm
Emergency Mode
Non-Maintained
Emergency Output Power
4300 mW
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 12909

ManufacturerPart #DatasheetDescription
logo
Evolt
12909 EKTOR-12909 Datasheet
118Kb / 2P
LEDFIRE ADV
5th of February 2025 06:20:57
12909 EKTOR-12909 Datasheet
395Kb / 3P
LEDFIRE PRO
5th of February 2025 04:41:42
12909 EKTOR-12909 Datasheet
405Kb / 2P
LEDFIRE CORE
5th of February 2025 03:28:24
12909 EKTOR-12909 Datasheet
396Kb / 3P
LEDFIRE PRO
5th of February 2025 04:10:06
12909 EKTOR-12909 Datasheet
409Kb / 3P
LEDFIRE ADV
5th of February 2025 04:50:35
More results

Similar Description - 12909

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA555X INFINEON-SDA555X Datasheet
62Kb / 2P
TVText Pro
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E Datasheet
4Mb / 2P
PowerQUICC II??Pro
logo
RF Micro Devices
ZPM3570 RFMD-ZPM3570 Datasheet
1Mb / 18P
ZigBee Pro Module
logo
Tyco Electronics
58530-1 MACOM-58530-1 Datasheet
185Kb / 5P
PRO-CRIMPER II
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
Level One
PLI-3110 LVL1-PLI-3110 Datasheet
234Kb / 3P
HomePlug Pro PoE
logo
Microchip Technology
ATMBUSADAPTER-XPRO MICROCHIP-ATMBUSADAPTER-XPRO Datasheet
83Kb / 1P
mikroBUS Xplained Pro
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com