Electronic Components Datasheet Search
  English  ▼

X  

12909 Datasheet(PDF) 2 Page - Evolt

Part # 12909
Description  LEDFIRE SM PRO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

12909 Datasheet(HTML) 2 Page - Evolt

  12909 Datasheet HTML 1Page - Evolt 12909 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COMPLIANCE
Product Design Life
12 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Standards
AS/NZS 60598.1
AS 60598.2.22
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
AS/NZS 2293.3
WARRANTY
Commercial Use Warranty
8 RTB (Total 8 Years)
DIMENSIONS
Product Height
53 mm
Product Length
230 mm
Product Width
230 mm
LINE DRAWINGS
EV/LEDFIRE/PRO/4/1_dimensions
EV/LEDFIRE/PRO/2/1_dimensions
ACCESSORIES
Order code
12909
Description
Surface Mount Can IP20 for EV-
LEDFIRE - White
Item Code
EV-LEDFIRE-SM-CAN
Order code
03923
Description
Ledfire surface mount
Weatherproof case IP66
Item Code
EV-LEDFIRE-SM-CASE
Order code
02004
Description
Rodmount Brackets only for roof
and luminaire body - Black (Rod
size -25mm)
Item Code
EV-RODMOUNT-BLK
Order code
01990
Description
Rodmount Brackets only for roof
and luminaire body - White (Rod
size 25mm)
Item Code
EV-RODMOUNT-WHT
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com