Electronic Components Datasheet Search
  English  ▼

X  

LT1037AM Datasheet(PDF) 18 Page - Texas Instruments

Part # LT1037AM
Description  LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1037AM Datasheet(HTML) 18 Page - Texas Instruments

Back Button LT1037AM Datasheet HTML 14Page - Texas Instruments LT1037AM Datasheet HTML 15Page - Texas Instruments LT1037AM Datasheet HTML 16Page - Texas Instruments LT1037AM Datasheet HTML 17Page - Texas Instruments LT1037AM Datasheet HTML 18Page - Texas Instruments LT1037AM Datasheet HTML 19Page - Texas Instruments LT1037AM Datasheet HTML 20Page - Texas Instruments LT1037AM Datasheet HTML 21Page - Texas Instruments LT1037AM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT1007, LT1007A, LT1037, LT1037A
LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
SLOS017C – D3195, FEBRUARY 1989 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
18
APPLICATION INFORMATION
noise testing
Figure 39 shows a test circuit for 0.1-Hz to 10-Hz peak-to-peak noise measurement of the LT1007 and LT1037.
The frequency response of this noise tester indicates that eeethe 0.1 Hz corner is defined by only one zero.
Because the time limit acts as an additional zero to eliminate noise contributions from the frequency band below
0.1 Hz, the test time to measure 0.1-Hz to 10-Hz noise should not exceed 10 seconds.
100
90
80
70
60
50
40
30
Frequency – Hz
100
10
1
0.1
0.01
0.1 Hz to 10 Hz p-p NOISE TESTER
FREQUENCY RESPONSE
RIN = 1 MΩ
x 1
Scope
22
µF
110 k
Ω
2.2
µF
4.3 k
Ω
24.3 k
Ω
0.1
µF
100 k
Ω
LT1001
4.7
µF
2 k
Ω
= 50,000
Voltage Gain
10
Ω
100 k
Ω
0.1
µF
+
–
†
† Device under test
NOTE: All capacitor values are for non-polarized capacitors only.
Figure 39. 0.1-Hz To 10-Hz Noise Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com