Electronic Components Datasheet Search
  English  ▼

X  

00705 Datasheet(PDF) 2 Page - Evolt

Part # 00705
Description  RAZOR ADV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

00705 Datasheet(HTML) 2 Page - Evolt

  00705 Datasheet HTML 1Page - Evolt 00705 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AS CISPR 15
AS/NZS 2293.3
WARRANTY
Commercial Use Warranty
6 RTB (Total 6 Years)
DIMENSIONS
Cutout
305 x 65 mm
Product Height
265 mm
Product Length
365 mm
Product Width
95 mm
LINE DRAWINGS
EV/RAZOR/ADV/24M
PHOTOMETRICS
EV/RAZOR/ADV/24M
ACCESSORIES
Order code
00705
Description
CMS 2.4M 5 Pin Plug Set - with
Green Plug to suit GEN III
ledfires
Item Code
EV-CMS-2.4M-5PIN
Order code
11790
Description
CMS 2.5M 5 core DALI flex and
plug with bootlaced ends
Item Code
EV-CMS-5CORE-DALI-F&P
Order code
02988
Description
Razor 24m decal pack - Black to
suit 02687
Item Code
EV-RAZOR-24M-DP-B
Order code
02982
Description
Black Surface Mounted Kit to
suit 2685- 2687- 2664 & 2665.
Item Code
EV-RAZOR-LEDFIRE-SM-KIT-B
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com