Electronic Components Datasheet Search
  English  ▼

X  

C543103003 Datasheet(PDF) 2 Page - Belden Inc.

Part # C543103003
Description  DataConnect CAT5e UTP Patch Cords, CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

C543103003 Datasheet(HTML) 2 Page - Belden Inc.

  C543103003 Datasheet HTML 1Page - Belden Inc. C543103003 Datasheet HTML 2Page - Belden Inc. C543103003 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UL Rating:
CM (Not Riser or Plenum)
ISO/IEC Compliance:
IEC 60603-7
Data Category:
Category 5e
TIA/EIA Compliance:
Category 5E - TIA 568.2-D, ISO/IEC 11801-1
IEEE Compliance:
IEEE 802.3at type 1 and 2 (PoE) up to 30W, IEEE 802.3bt type 3 and 4 (PoE) up to 100W, CISCO (UPOE) up to 60W, Power over HDBaseTTM (POH) up to 100W
Other Standards:
ANSI/TIA 1096-A (formerly FCC Part 68-F)
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
c(UL)us Listed, UL 1863, UL File E77103
Related Part Numbers
Related Parts:
DataConnect CAT5e Modular Jacks, DataConnect CAT5e Patch Panels
Variants
Item #
Color
Length
C543100002 Black
2 ft
C543100003 Black
3 ft
C543100004 Black
4 ft
C543100005 Black
5 ft
C543100006 Black
6 ft
C543100007 Black
7 ft
C543100008 Black
8 ft
C543100010 Black
10 ft
C543100020 Black
20 ft
C543106003 Blue
3 ft
C543106005 Blue
5 ft
C543106007 Blue
7 ft
C543106010 Blue
10 ft
C543108003 Gray
3 ft
C543108005 Gray
5 ft
C543108007 Gray
7 ft
C543108010 Gray
10 ft
C543108020 Gray
20 ft
C543105003 Green
3 ft
C543105005 Green
5 ft
C543105007 Green
7 ft
C543105010 Green
10 ft
C543105020 Green
20 ft
C543103003 Orange 3 ft
C543103005 Orange 5 ft
C543103007 Orange 7 ft
C543103010 Orange 10 ft
C543109003 White
3 ft
C543109005 White
5 ft
C543109007 White
7 ft
C543109010 White
10 ft
C543104003 Yellow
3 ft
C543104005 Yellow
5 ft
C543104007 Yellow
7 ft
C543104010 Yellow
10 ft
Product Notes
Labeling:
Belden Part Number, Performance Acronym, Wiring Scheme and Cord Length.
History
Update and Revision:
Revision Number: 0.33 Revision Date: 06-01-2023



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com