Electronic Components Datasheet Search
  English  ▼

X  

ST210 Datasheet(PDF) 1 Page - Timeguard

Part # ST210
Description  Suretime Photocell Automatic Light Switch - 2 Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

ST210 Datasheet(HTML) 1 Page - Timeguard

  ST210 Datasheet HTML 1Page - Timeguard ST210 Datasheet HTML 2Page - Timeguard ST210 Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Connection
Setting Type
ST210
Suretime Photocell
Automatic Light Switch - 2
Wire
Features & Benefits
Automatic Light Switch with Photocell - 2 Wire
Replaces existing 1 or 2 way light switches - 2
Wire
Turns lights on at dusk ,off automatically 2,4,6,8
hours later or until dawn manual on/off switch
Red LED indication when switch is set to any On-
time duration
IP40 Weatherproof rated
Supports single or two-way switching.
Adjustable lux level to suit installation area.
LED compatible (with use of the ZV900 load
controller).
Concealed controls for lux and light on time after
dusk.
Technical Data
230V AC
50Hz
Surface
Class II
-20°C to 40°C
IP20
2-Wire
Dial
Data sheet
ST210
Light / PIR Presence Detectors
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - ST210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2100 STMICROELECTRONICS-ST2100 Datasheet
524Kb / 39P
Broadband powerline communication SoC optimized
23-May-2014
logo
International Rectifier
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C30R0 IRF-ST2100C30R0 Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R0L IRF-ST2100C30R0L Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
ST2100C30R1 IRF-ST2100C30R1 Datasheet
80Kb / 6P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST210

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
Silonex Inc.
NSL-21UV401 SILONEX-NSL-21UV401 Datasheet
26Kb / 1P
UV Photocell
logo
NXP Semiconductors
3538 PHILIPS-3538 Datasheet
209Kb / 10P
GASFILLED PHOTOCELL
26.8.1948
logo
Melexis Microelectronic...
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
2-Wire Hall Effect Switch
logo
Honeywell Solid State E...
VF401 HONEYWELL-VF401 Datasheet
616Kb / 5P
2-Wire Solid State Switch
logo
LSI Computer Systems
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
logo
Luna Innovations Incorp...
NSL-5532 LUNA-NSL-5532 Datasheet
97Kb / 2P
Hermetic Photocell
NSL-5922 LUNA-NSL-5922 Datasheet
75Kb / 2P
Ceramic Photocell
logo
IOGEAR
GUB231 IOGEAR-GUB231 Datasheet
139Kb / 2P
2-Port USB 2.0 Automatic Printer Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com