Electronic Components Datasheet Search
  English  ▼

X  

WL053 Datasheet(PDF) 2 Page - DFI Inc

Part # WL053
Description  8th Gen Intel® CoreTM 2.5" SBC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

WL053 Datasheet(HTML) 2 Page - DFI Inc

  WL053 Datasheet HTML 1Page - DFI Inc WL053 Datasheet HTML 2Page - DFI Inc WL053 Datasheet HTML 3Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Intel ULT Soc
Whiskey Lake
DDR4
DDR4 SO-DIMM 2400MHz
8-bit DIO
SMBus
RS-232/422/485
SPI ROM
SPI
M.2 E key
2230
USB 2.0 2x
USB 2.0
USB 2.0 2x
SMBus
LPC
HDMI
DP++
USB 3.1 Gen2 2x
I219V/I219LM
RJ45
USB 3.1 Gen2 2x
DDI
PCIe x1
MDI
M.2 B key
2242/3042
PCIe x1/SATA 3.0
USB 2.0
USB 3.1 Gen2
M.2 B key
2242/3042
PCIe x1/SATA 3.0
USB 2.0
USB 3.1 Gen2
USB 2.0
PCIe x2
I2C (opt.)
0
72
3.04
69.08
Super I/O
with NCT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com