Electronic Components Datasheet Search
  English  ▼

X  

2200331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2200331
Description  MSTBO 2,5/ 2-G1PR GY7035 - PCB header
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2200331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2200331 Datasheet HTML 1Page - PHOENIX CONTACT 2200331 Datasheet HTML 2Page - PHOENIX CONTACT 2200331 Datasheet HTML 3Page - PHOENIX CONTACT 2200331 Datasheet HTML 4Page - PHOENIX CONTACT 2200331 Datasheet HTML 5Page - PHOENIX CONTACT 2200331 Datasheet HTML 6Page - PHOENIX CONTACT 2200331 Datasheet HTML 7Page - PHOENIX CONTACT 2200331 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 2.5 mm2, color: light gray, nominal current: 16 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of rows: 1,
number of positions: 2, product range: MSTBO 2,5/..-G1PR, pitch: 5 mm, mounting: Wave
soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of solder pins per potential:
1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern alignment: Orthogonal, locking:
without, type of packaging: packed in cardboard, Product with pin output on right side
Your advantages
Plug-in direction orthogonal to the PCB
•
Commercial data
Item number
2200331
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
NULL
Product key
ACHADB
Catalog page
Page 325 (C-1-2013)
GTIN
4046356566278
Weight per piece (including packing)
1.402 g
Weight per piece (excluding packing)
1.34 g
Customs tariff number
85366930
Country of origin
PL
MSTBO 2,5/ 2-G1PR GY7035 - PCB header
2200331
https://www.phoenixcontact.com/us/products/2200331
Feb 26, 2025, 1:58 AM
Page 1 (8)


Similar Part No. - 2200331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2200330 PHOENIX-2200330 Datasheet
211Kb / 8P
MSTBO 2,5/ 2-G1PL GY7035 - PCB header
2200332 PHOENIX-2200332 Datasheet
107Kb / 6P
Printed-circuit board connector - MSTBT 2,5 HC/ 4-STPGY7035
2200332 PHOENIX-2200332 Datasheet
277Kb / 8P
Upper part of housing - ICS50-C100X12-5015
2200332 PHOENIX-2200332 Datasheet
354Kb / 8P
Mounting base housing - ICS50-B122X98-O-O-5015
2200333 PHOENIX-2200333 Datasheet
75Kb / 5P
Printed-circuit board connector - MSTBT 2,5 HC/ 3-STP GY7035
More results

Similar Description - 2200331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861044 PHOENIX-1861044 Datasheet
88Kb / 6P
Base strip - MSTBO 2,5/ 2-G1R
1861057 PHOENIX-1861057 Datasheet
88Kb / 6P
Base strip - MSTBO 2,5/ 2-G1L
2854791 PHOENIX-2854791 Datasheet
81Kb / 5P
Base strip - MSTBO 2,5/ 2-G1R KMGY
1980653 PHOENIX-1980653 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PR GY7035
2199757 PHOENIX-2199757 Datasheet
91Kb / 4P
GMSTBT 2,5 HV/2-ST-7,25 GY7035
2200325 PHOENIX-2200325 Datasheet
81Kb / 5P
Feed-through header - MSTBO 2,5/ 4-G1PL GY7035
2200328 PHOENIX-2200328 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PL GY7035
2200329 PHOENIX-2200329 Datasheet
73Kb / 5P
Printed-circuit board connector - MSTBO 2,5/ 3-G1PR GY7035
2854568 PHOENIX-2854568 Datasheet
59Kb / 2P
Feed-through header - MSTBO 2,5/ 4-G1R GY
12/16/2018
2854788 PHOENIX-2854788 Datasheet
129Kb / 9P
Feed-through header - MSTBO 2,5/ 2-G1L KMGY
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com