Electronic Components Datasheet Search
  English  ▼

X  

S642 Datasheet(PDF) 1 Page - Solid State Inc

Part # S642
Description  High transient immunity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

S642 Datasheet(HTML) 1 Page - Solid State Inc

  S642 Datasheet HTML 1Page - Solid State Inc S642 Datasheet HTML 2Page - Solid State Inc S642 Datasheet HTML 3Page - Solid State Inc S642 Datasheet HTML 4Page - Solid State Inc S642 Datasheet HTML 5Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S642
1 Form A
Solid State Relay
The S642 is a bi-directional, single-pole, single-throw, normally open multipurpose relay. The circuit is composed of one LED on the input
side which activates an optically coupled IC on the output - controlling the firing angle of two back-to-back SCRs. This circuit assures no
false triggering under most adverse conditions, and a tight zero-volt window not exceeding 5V.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES*
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS*
APPROVALS
Zero-Volt Cross Switching
•
High transient immunity
•
400V blocking voltage
•
1.2A maximum continuous current
•
High input-to-output isolation
•
Solid state reliability
•
Valve control
•
Solenoids
•
Home appliances
•
Metering equipment
•
Heating elements
•
Surface Mount Option
• -S
Tape and Reel Option (1,000 pcs / reel)
• -TR
NOTE: Suffixes listed above are not included in marking on
device for part number identification.
PARAMETER
UNIT
MIN
TYP
MAX
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
85
Continuous Input Current
mA
40
Transient Input Current
mA
400
Reverse Input Control
Voltage
V
6
Output Power Dissipation
W
1.2
*The values indicated are absolute stress ratings. Functional operation of the
device is not implied at these or any conditions in excess of those defined in
electrical characteristics section of this document. Exposure to Absolute
Ratings may cause permanent damage to the device and may adversely
affect reliability.
UL / C-UL Approved, File #E90096
•
BABT Approved #607837
•
www.ssousa.com • +1.408.293.4600
Page 1 of 5
S642
rev 1.41 (10/23/2007)
© 2007 Solid State Optronics • San José, CA


Similar Part No. - S642

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S642 SSOUSA-S642 Datasheet
193Kb / 5P
1 Form A Solid State Relay
logo
Powerbox
S642 POWERBOX-S642 Datasheet
418Kb / 1P
350 WATTS DC/DC SINGLE OUTPUT
logo
Solid State Optronic
S642-X SSOUSA-S642-X Datasheet
166Kb / 4P
1 Form A Solid State Relay
S642-X SSOUSA-S642-X_15 Datasheet
275Kb / 7P
Zero-Volt Cross Switching
logo
Heyco.
S6420 HEYCO-S6420 Datasheet
129Kb / 1P
Nytyes® with Stainless Steel Locking Device
More results

Similar Description - S642

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
High transient immunity
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
High transient immunity
S742 SSOUSA-S742_15 Datasheet
231Kb / 5P
High transient immunity
logo
Analog Devices
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
High common-mode transient immunity: 100 kV/關s
REV. 0
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
High common-mode transient immunity: 100 kV/關s
REV. 0
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
High common-mode transient immunity
Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
High Noise Immunity
logo
Silicon Laboratories
SI827X SILABS-SI827X_V01 Datasheet
944Kb / 44P
4 Amp ISOdriver with High Transient (dV/dt) Immunity
logo
Skyworks Solutions Inc.
SI827X SKYWORKS-SI827X Datasheet
1Mb / 47P
4 Amp ISOdriver with High Transient (dV/dt) Immunity
Revision A July, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com