Electronic Components Datasheet Search
  English  ▼

X  

DS4 Datasheet(PDF) 1 Page - Timeguard

Part # DS4
Description  Pneumatic Time Delay Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

DS4 Datasheet(HTML) 1 Page - Timeguard

  DS4 Datasheet HTML 1Page - Timeguard DS4 Datasheet HTML 2Page - Timeguard DS4 Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Connection
Back Box Minimum Depth (mm)
Push Buttons
Switch Type
Standby Consumption
Number Of Channels
DS4
Pneumatic Time Delay
Switch
Features & Benefits
Replaces existing single gang wall switch
Ideal for staircases and corridors
Variable delay times
Single pole/neutral not required
Compatible with 20mm back boxes
Technical Data
230V AC
50Hz
Flush Wall Box / Surface Mount Patress Box
Class II
-10°C to +40°C
IP20
2-Wire
20
Push To Make
Single Pole (Normally Open)
<0W
1
Data sheet
DS4
Light / Automatic Light Switches
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - DS4

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
power light source LUXEON짰 V Portable
logo
SICK AG
DS40-N21211 SICK-DS40-N21211 Datasheet
460Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS40-N41211 SICK-DS40-N41211 Datasheet
460Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS40-P21211 SICK-DS40-P21211 Datasheet
460Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
DS40-P21221 SICK-DS40-P21221 Datasheet
460Kb / 6P
MID RANGE DISTANCE SENSORS
2016-03-17
More results

Similar Description - DS4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
Free Delay Time Setting Free Delay Time Setting
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
logo
PHOENIX CONTACT
ETD-BL-1T-ON-10S PHOENIX-ETD-BL-1T-ON-10S Datasheet
156Kb / 8P
Time relay with switch-on delay
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com