Electronic Components Datasheet Search
  English  ▼

X  

02002 Datasheet(PDF) 1 Page - Evolt

Part # 02002
Description  EMERGENCY TIMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

02002 Datasheet(HTML) 1 Page - Evolt

  02002 Datasheet HTML 1Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EMERGENCY TIMER
Manual Emergency Test Switch and Timer, 5x sensing
circuits, DIN mount
Easy configuration and control
Extended period to allow walk around
All-in-one unit to meet compliance needs
Manually operated discharge test (90/120 min duration)
Brown-out trigger ensures AS/NZS 60598.2.22 Clause
22.17 is met
Prolong, provision for time-delay to remain in emergency
mode for lighting requiring cooldown
Long life electronics
12 years design life at max. ambient
5 sensing circuits per unit
Connect up to 6 units for 30 sensing circuits
Suitable for switchboard mounting on standard DIN rail
Requires contactor (not included)
ORDERING INFORMATION
Order code
02002
Description
Emergency Test Switch and
timer
Item Code
EV-EM-TIMER
MECHANICAL
Body Material
Polycarbonate
Installation Type
DIN rail (35mm)
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class II
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Working Temp Range
0 to 40 °C
COMPLIANCE
Standards
AS/NZS 61347.2.11
AS/NZS 61347.1
AS CISPR 15
AS/NZS 2293.1
WARRANTY
Commercial Use Warranty
3 RTB (Total 3 Years)
ACCESSORIES
Order code
01205
Description
Replacement EM Timer Keys for
02002 & 11104
Item Code
EV-EM-TIMER-KEY
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 02002

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02002 GENERAL-02002 Datasheet
77Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
02002 GENERAL-02002 Datasheet
78Kb / 1P
Super Vu-Tron짰 III Types SJOOW/SOOW
logo
BENNING Elektrotechnik ...
020022 BENNING-020022 Datasheet
1Mb / 12P
Testing, Measuring and Safety Instruments
2008
More results

Similar Description - 02002

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
VSYS1 GAMEWELL-FCI-VSYS1 Datasheet
132Kb / 2P
Emergency Voice Evacuation
logo
Sonardyne sound in dept...
7097 SONARDYNE-7097 Datasheet
84Kb / 2P
Emergency Transponders
logo
List of Unclassifed Man...
882-4517 ETC1-882-4517 Datasheet
28Kb / 1P
Emergency Key Boxes
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Schneider Electric
ZBY9330 SCHNEIDER-ZBY9330 Datasheet
93Kb / 2P
marked legend 횠60 for emergency stop - EMERGENCY STOP/logo ISO13850
Aug 10, 2020
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
logo
Schneider Electric
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
Emergency Stop Switches
JULY 2017
logo
Pepperl+Fuchs Inc.
VAZ-2E1A-F85A-S PF-VAZ-2E1A-F85A-S Datasheet
738Kb / 3P
Emergency stop button
2021-04-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com