Electronic Components Datasheet Search
  English  ▼

X  

SD2000C Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # SD2000C
Description  STANDARD RECOVERY DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

SD2000C Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  SD2000C Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SD2000C(*)L Series
STANDARD RECOVERY DIODE
IF(AV) = 2100 A ,
Case: B-Puk
ELECTRICAL CHARACTERISICS at 25 OC Maximum Unless Stated
Otherwise
Parameter
Unit
Symbol
Value
Typ
Min
Max
Maximum Forward Voltage
Volt
VFM
Repetitive Peak Off- State Current at TC=175OC
mA
60.0
IRRM
Condition
Ipk = 6000 Amps
1.55
Thermal Resistance (Junction toHeatsink)
0.073
NM
Mounting Torque
Weight
MT
14700
grms
Wt
R
TH (J-h)
O
C/W
255
V
R = VRRM
2.30(58.5) Dia
0.14(3.50) Dia x 0.07(1.8) Deep
1.34(34.0)
0.03(0.8)
1.34(34.0)
1.06(26.9) Max
1.0(25.4) Min
All Dimensions in Inches (Millimeters)
Third Angle Projection
Mechanical Dimensions
2.09(53.5)
400
800
1000
SD2000C
04L
Maximum Storage Temperature Range
Maximum Average On-State Current
Peak Forward Surge Current
MAXIMUM RATINGS
Parameter
(Tj = 25 OC unless stated otherwise)
Repetitive Peak Reverse Voltage
Maximum Junction Temperature Range
2100 at TC=55OC
25000
Maximum I 2T for Fusing
IF(AV)
IFSM
Symbol
VRRM
Tj
T(STG)
I 2 T
Volt
Unit
Amp
Amp
O
C
O
C
A2/S
-55 to +200
2608
-40 to +180
SD2000C
08L
SD2000C
10L


Similar Part No. - SD2000C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD2000C04L VISHAY-SD2000C04L Datasheet
137Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
SD2000C08L VISHAY-SD2000C08L Datasheet
124Kb / 6P
Standard Recovery Diodes (Hockey PUK Version), 2100 A
14-May-08
More results

Similar Description - SD2000C

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DDA20 NI-10DDA20_15 Datasheet
138Kb / 1P
Standard Recovery Diode
10EDA10 NI-10EDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
10JDA20 NI-10JDA20_15 Datasheet
137Kb / 1P
Standard Recovery Diode
20KDA20 NI-20KDA20_15 Datasheet
145Kb / 1P
Standard Recovery Diode
20KDA60 NI-20KDA60_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA10 NI-30PDA10_15 Datasheet
145Kb / 1P
Standard Recovery Diode
30PDA40 NI-30PDA40_15 Datasheet
145Kb / 1P
Standard Recovery Diode
logo
Insel Rectifier India P...
DS2012SF IRI-DS2012SF Datasheet
464Kb / 5P
STANDARD RECOVERY DIODE
DS2002SD IRI-DS2002SD Datasheet
423Kb / 5P
STANDARD RECOVERY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com