Electronic Components Datasheet Search
  English  ▼

X  

SD41 Datasheet(PDF) 2 Page - TRANSYS Electronics Limited

Part # SD41
Description  SCHOTTKY DIODES STUD TYPE 30 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

SD41 Datasheet(HTML) 2 Page - TRANSYS Electronics Limited

  SD41 Datasheet HTML 1Page - TRANSYS Electronics Limited SD41 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Case Te mperature -
Figure .2- Forward Derating Curve
0
180
30
60
90
120
0
10
150
Instantaneous Forward Voltage - Volts
Figure .1-Typical Forward Characteristics
Volts
1
100
4
0
100
8
Figure
Peak Forward Surge Current
Number Of Cycles At 60Hz - Cycles
Cycles
2
6
10
20
60 80
40
Reverse Voltage - Volts
Figure .4-Typical Reverse Characteristics
Volts
4.0
6.0
20.0
10.0
50
10
20
30
40
.01
.02
.04
.06
0.1
0.2
0.4
0.6
1.0
2.0
40.0
60.0
100.0
200
300
400
500
600
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
15
25
5
.001
.002
.004
.006
0
20
30
SD41(R) THRU SD4145(R)
1.0
10
2.0
20
4.0
6.0
40
60
100
125 C
25 C
T
J =25
Tj =125 C
T
J =75
Tj =175 C
.3-
8.3ms Single Half
Sine Wave
JEDEC method T
J =25
Single Phase, Half Wave
60Hz Resistive or Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com