Electronic Components Datasheet Search
  English  ▼

X  

ADAB2621 Datasheet(PDF) 1 Page - Belden Inc.

Part # ADAB2621
Description  Bases for ADN-Serie Cabinets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

ADAB2621 Datasheet(HTML) 1 Page - Belden Inc.

  ADAB2621 Datasheet HTML 1Page - Belden Inc. ADAB2621 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: BASES ADN-SERIES
Bases for ADN-Serie Cabinets
Product Description
Bases for ADN-Serie Cabinets. The base is constructed out of four side and four corner profiles which correspond to the depth and width of the cabinet.
Technical Specifications
Application
Suitable Applications:
Bases can be used to lift the ADN cabinet to provide cable access from underneath. Support maximum capacity of 1000kg.
Environmental Space:
Indoor
Environmental and Overall Characteristics
Finish:
Powder Coated
Material:
Steel
Standards
EU Directive 2011/65/EU (RoHS 2): Yes
Related Part Numbers
Packaging:
Individually packed in a box.
Variants
Item #
Width
Depth
Color
ADAB2661 600 mm 600 mm
Gray
ADAB2662 600 mm 600 mm
Black
ADAB2681 600 mm 800 mm
Gray
ADAB2682 600 mm 800 mm
Black
ADAB2691 600 mm 900 mm
Gray
ADAB2692 600 mm 900 mm
Black
ADAB2611 600 mm 1,000 mm Gray
ADAB2612 600 mm 1,000 mm Black
ADAB2621 600 mm 1,200 mm Gray
ADAB2622 600 mm 1,200 mm Black
ADAB2861 800 mm 600 mm
Gray
ADAB2862 800 mm 600 mm
Black
ADAB2881 800 mm 800 mm
Gray
ADAB2882 800 mm 800 mm
Black
ADAB2821 800 mm 1,200 mm Gray
ADAB2822 800 mm 1,200 mm Black
Update and Revision:
Revision Number: 0.41 Revision Date: 04-08-2022
© 2025 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.


Similar Part No. - ADAB2621

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
ADAB3611 BELDEN-ADAB3611 Datasheet
206Kb / 2P
Bases for ASN-SERIE Cabinets
04-08-2022
ADAB3612 BELDEN-ADAB3612 Datasheet
206Kb / 2P
Bases for ASN-SERIE Cabinets
04-08-2022
ADAB3621 BELDEN-ADAB3621 Datasheet
206Kb / 2P
Bases for ASN-SERIE Cabinets
04-08-2022
ADAB3622 BELDEN-ADAB3622 Datasheet
206Kb / 2P
Bases for ASN-SERIE Cabinets
04-08-2022
ADAB3661 BELDEN-ADAB3661 Datasheet
206Kb / 2P
Bases for ASN-SERIE Cabinets
04-08-2022
More results

Similar Description - ADAB2621

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B401BH SYSTEMSENSOR-B401BH Datasheet
106Kb / 4P
Sounder Bases
logo
List of Unclassifed Man...
701946-CWPBM ETC2-701946-CWPBM Datasheet
243Kb / 1P
Side illumination for shallow or narrow cabinets
ANT-ELE-S01-005 ETC2-ANT-ELE-S01-005 Datasheet
91Kb / 1P
Whip Element for Mag. 1 Bases
logo
Cooper Bussmann, Inc.
SD00-D COOPER-SD00-D Datasheet
421Kb / 8P
NH bases
logo
Emerson Network Power
ADN2.5-24-1PM EMERSON-NETWORKPOWER-ADN2.5-24-1PM Datasheet
730Kb / 3P
ADN Series 60-480 Watts
logo
Cooper Bussmann, Inc.
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
Fuse Bases (Blocks)
logo
Littelfuse
00940324ZXPG LITTELFUSE-00940324ZXPG Datasheet
215Kb / 1P
Fuse displays and cabinets
Rev: 011113
logo
Molex Electronics Ltd.
1210120009 MOLEX-1210120009 Datasheet
89Kb / 1P
B15 SERIES BASES
2006/04/15
1210120013 MOLEX-1210120013 Datasheet
116Kb / 1P
B20 SERIES BASES
2006/04/15
1210120047 MOLEX-1210120047 Datasheet
158Kb / 2P
B22 SERIES BASES
2006/04/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com