Electronic Components Datasheet Search
  English  ▼

X  

AX101759 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX101759
Description  Blank Inserts for MediaFlex
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX101759 Datasheet(HTML) 1 Page - Belden Inc.

  AX101759 Datasheet HTML 1Page - Belden Inc. AX101759 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: MEDIAFLEX BLANK INSERTS
Blank Inserts for MediaFlex
Product Description
MediaFlex Blank Inserts are available in several port counts and colors.
Technical Specifications
Physical Characteristics (Overall)
Height:
0.463 m
Width:
2.05
Depth:
0.41
Packaging:
10 inserts packaged in a suitable plastic bag.
Weight:
0.062 kg
Connectors
Materials
Description
Material
Insert
High-impact Thermoplastic, flame-retardant UL94V-0, UV-resistant
Temperature Range
Installation Temperature Range:
-10 to 60°C
Storage Temperature Range:
-40 to 70°C
Operating Temperature Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
Mediaflex
Tool Compatibility:
Release Tool (AX101185)
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible with MediaFlex Faceplates
Variants
Item #
Color
AX101758 Almond
AX101762 Almond
AX101760 Black
AX101764 Black
AX101759 Electric White


Similar Part No. - AX101759

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101759 ETC2-AX101759 Datasheet
98Kb / 3P
Modular Connectors - MediaFlex Filler Insert 1-unit
More results

Similar Description - AX101759

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
10-305045-16 GLENAIR-10-305045-16 Datasheet
183Kb / 1P
Wire Hole Plug for Contact Inserts
logo
List of Unclassifed Man...
AX101746 ETC2-AX101746 Datasheet
98Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101747 ETC2-AX101747 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101759 ETC2-AX101759 Datasheet
98Kb / 3P
Modular Connectors - MediaFlex Filler Insert 1-unit
AX101762 ETC2-AX101762 Datasheet
97Kb / 3P
Modular Connectors - MediaFlex Filler Insert 2-unit
AX101870 ETC2-AX101870 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX101871 ETC2-AX101871 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX101878 ETC2-AX101878 Datasheet
100Kb / 3P
Modular Connectors - MediaFlex Multimedia insert 3-port RCA
AX101940 ETC2-AX101940 Datasheet
99Kb / 3P
Modular Connectors - MediaFlex Multimedia insert Duplex SC Multimode
logo
Schneider Electric
HMIYUSBBK111 SCHNEIDER-HMIYUSBBK111 Datasheet
83Kb / 1P
USB key, Harmony iPC, blank for recovery
May 9, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com