Electronic Components Datasheet Search
  English  ▼

X  

AX101877 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX101877
Description  RCA Insert for MediaFlex, 3-Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX101877 Datasheet(HTML) 1 Page - Belden Inc.

  AX101877 Datasheet HTML 1Page - Belden Inc. AX101877 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: MEDIAFLEX RCA INSERT
RCA Insert for MediaFlex, 3-Port
Product Description
MediaFlex RCA Insert, 3-Port, Available in several colors.
Technical Specifications
Product Overview
Suitable Applications:
Multimedia
Physical Characteristics (Overall)
Height:
1.39 m
Width:
2.05
Depth:
1.41
Packaging:
Individually packaged in a plastic bag.
Weight:
0.05 kg
Connectors
Materials
Description
Material
Type
Front Connection Metal
RCA
Rear Connection
Plastic - UL94V-0 110
Insert
Plastic - UL94V-0
Temperature Range
Installation Temperature Range:
-10 to 60°C
Storage Temperature Range:
-40 to 70°C
Operating Temperature Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
Mediaflex
Tool Compatibility:
Termination Station (AX101852), Release Tool (AX101185)
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible with MediaFlex Faceplates
Variants
Item #
Color


Similar Part No. - AX101877

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101870 ETC2-AX101870 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX101871 ETC2-AX101871 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
logo
Belden Inc.
AX101873 BELDEN-AX101873 Datasheet
270Kb / 2P
MediaFlex 2-Gang Adapter Box
03-04-2023
AX101874 BELDEN-AX101874 Datasheet
270Kb / 2P
MediaFlex 2-Gang Adapter Box
03-04-2023
AX101875 BELDEN-AX101875 Datasheet
270Kb / 2P
MediaFlex 2-Gang Adapter Box
03-04-2023
More results

Similar Description - AX101877

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101878 ETC2-AX101878 Datasheet
100Kb / 3P
Modular Connectors - MediaFlex Multimedia insert 3-port RCA
AX101879 ETC2-AX101879 Datasheet
99Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 3-port RCA
AX101880 ETC2-AX101880 Datasheet
99Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 3-port RCA
AX101882 ETC2-AX101882 Datasheet
98Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 1-Port S-Video
AX101883 ETC2-AX101883 Datasheet
99Kb / 3P
Modular Connectors - MediaFlex Multimedia insert 1-Port S-Video
AX101884 ETC2-AX101884 Datasheet
98Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 1-Port S-Video
AX101887 ETC2-AX101887 Datasheet
99Kb / 3P
Modular Connectors - MediaFlex Multimedia insert 1-Port SVGA
AX101888 ETC2-AX101888 Datasheet
98Kb / 2P
Modular Connectors - MediaFlex Multimedia insert 1-Port SVGA
AX102410 ETC2-AX102410 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
logo
PANDUIT CORP.
CHR3WYR PANDUIT-CHR3WYR Datasheet
72Kb / 1P
1/3 INSERT WITH 3 RCA COUPLERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com