Electronic Components Datasheet Search
  English  ▼

X  

AX101829 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX101829
Description  MDVO RCA Faceplate Inserts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX101829 Datasheet(HTML) 1 Page - Belden Inc.

  AX101829 Datasheet HTML 1Page - Belden Inc. AX101829 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: MDVO RCA INSERT
MDVO RCA Faceplate Inserts
Product Description
MDVO RCA Faceplate Inserts. Available in several colors.
Technical Specifications
Product Overview
Suitable Applications:
RCA Cable
Physical Characteristics (Overall)
Height:
0.63 m
Width:
0.63
Depth:
1.293
Front Connection:
Flush
Packaging:
10 units packaged in a plastic bag.
Weight:
0.034 lbs
Connectors
Materials
Material
Plastic - UL94V-0
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Footprint/Type:
MDVO
Connector/Hardware Retention:
20 lbs
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
c(UL)us Listed
Related Part Numbers
Related Parts:
Compatible with MDVO Patch Panel and Faceplate, RCA Cable Assembly
Variants
Item #
Color
UPC


Similar Part No. - AX101829

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX101840 BELDEN-AX101840 Datasheet
138Kb / 2P
Feed Through Insert for MDVO SVHS
03-04-2023
AX101841 BELDEN-AX101841 Datasheet
138Kb / 2P
Feed Through Insert for MDVO SVHS
03-04-2023
AX101842 BELDEN-AX101842 Datasheet
138Kb / 2P
Feed Through Insert for MDVO SVHS
03-04-2023
logo
List of Unclassifed Man...
AX101852 ETC2-AX101852 Datasheet
93Kb / 3P
Modular Connectors - Termination Station
AX101870 ETC2-AX101870 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
More results

Similar Description - AX101829

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
List of Unclassifed Man...
AX100653 ETC2-AX100653 Datasheet
110Kb / 3P
CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
logo
Lumberg
155202V LUMBERG-155202V Datasheet
261Kb / 3P
RCA connectors
155302 LUMBERG-155302 Datasheet
604Kb / 3P
RCA connectors
BTO1 LUMBERG-BTO1 Datasheet
328Kb / 3P
RCA connectors
KTO1 LUMBERG-KTO1 Datasheet
402Kb / 3P
RCA connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com