Electronic Components Datasheet Search
  English  ▼

X  

DN70 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # DN70
Description  ZXSC400 Driving 2 serial high power LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

DN70 Datasheet(HTML) 2 Page - Zetex Semiconductors

  DN70 Datasheet HTML 1Page - Zetex Semiconductors DN70 Datasheet HTML 2Page - Zetex Semiconductors DN70 Datasheet HTML 3Page - Zetex Semiconductors DN70 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DN70
www.zetex.com
2
Issue 3 - July 2007
© Zetex Semiconductors plc 2007
Typical operating characteristics
(For typical application circuit where Tamb = 25°C unless otherwise stated)
Figure 2
Performance graphs
Input Voltage vs Efficiency
50
60
70
80
90
100
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Input Voltage (V)
Input Voltage vs Output Current
0.0
0.2
0.4
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Input Voltage (V)
Input Voltage vs Input Current
0.0
0.4
0.8
1.2
1.6
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Input Voltage (V)
Input Voltage vs Output Voltage
0
2
4
6
8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Input Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com