Electronic Components Datasheet Search
  English  ▼

X  

AM29LV008T Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM29LV008T
Description  8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008T Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM29LV008T Datasheet HTML 12Page - Advanced Micro Devices AM29LV008T Datasheet HTML 13Page - Advanced Micro Devices AM29LV008T Datasheet HTML 14Page - Advanced Micro Devices AM29LV008T Datasheet HTML 15Page - Advanced Micro Devices AM29LV008T Datasheet HTML 16Page - Advanced Micro Devices AM29LV008T Datasheet HTML 17Page - Advanced Micro Devices AM29LV008T Datasheet HTML 18Page - Advanced Micro Devices AM29LV008T Datasheet HTML 19Page - Advanced Micro Devices AM29LV008T Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
Am29LV008T/Am29LV008B
PRELIMINARY
Table 6.
Hardware Sequence Flags
Notes:
1. DQ2 can be toggled when the sector address applied is that of an erasing or erase suspended sector. Conversely, DQ2 cannot
be toggled when the sector address applied is that of a non-erasing or non-erase suspended sector. DQ2 is therefore used
to determine which sectors are erasing or erase suspended and which are not.
2. These status flags apply when outputs are read from the address of a non-erase-suspended sector.
3. If DQ5 is high (exceeded timing limits), successive reads from a problem sector will cause DQ2 to toggle.
DQ7: Data Polling
The Am29LV008 features DATA Polling as a method to
indicate to the host system that the embedded algo-
rithms are in progress or completed.
During the Embedded Program Algorithm, an attempt
to read the device will produce the compliment of the
data last written to DQ7. Upon completion of the Em-
bedded Program Algorithm, an attempt to read the de-
vice will produce the true data last written to DQ7. Note
that just at the instant when DQ7 switches to true data,
the other bits, DQ6–DQ0, may not yet be true data.
However, they will all be true data on the next read from
the device. Please note that Data Polling (DQ7) may
give an inaccurate result when an attempt is made
to write to a protected sector. During an Embedded
Erase Algorithm, an attempt to read the device will pro-
duce a ‘0’ at the DQ7 output. Upon completion of the
Embedded Erase Algorithm, an attempt to read
the de vice will produce a ‘1’ at DQ7.
For chip erase, the DATA Polling is valid (DQ7 = 1) after
the rising edge of the sixth WE pulse in the six write
pulse sequence. For sector erase, the DATA Polling is
valid after the last rising edge of the sector erase WE
pulse. DATA Polling must be performed at sector ad-
dresses within any of the sectors being erased and not
a sector that is within a protected sector. Otherwise, the
status may not be valid.
Just prior to the completion of Embedded Algorithm op-
erations, DQ7 may change asynchronously while the
output enable (OE) is asserted low. This means that the
device is driving status information on DQ7 at one in-
stant of time and in the next instance of time, that byte
has valid data. Depending on when the system sam-
ples the DQ7 output, it may read the status or valid
data. Even if the device has completed the Embedded
Algorithm operations and DQ7 has valid data, DQ0–
DQ6 may still provide write operation status. The valid
data on DQ0–DQ7 can be read on the next successive
read attempt.
The DATA Polling feature is only active during the Em-
bedded Programming Algorithm, Embedded Erase Al-
gorithm, Erase Suspend, erase suspend-program
mode, or sector erase time-out (see Table 6).
If the user attempts to write to a protected sector, DATA
Polling will be activated for about 1
µs; the device will
then return to read mode, with data from the protected
sector unchanged. If the user attempts to erase a pro-
tected sector, Toggle Bit will be activated for about 50
µs; the device will then return to read mode, without
having erased the protected sector.
See Figure 6 for the DATA Polling timing specifications
and diagrams.
DQ6: Toggle Bit
The Am29LV008 also features a “Toggle Bit” as a
method to indicate to the host system whether the em-
bedded algorithms are in progress or completed.
During an Embedded Program or Erase Algorithm,
successive attempts to read data from the device will
result in DQ6 toggling between one and zero. Once the
Status
DQ7
DQ6
DQ5
DQ3
DQ2
RY/BY
In Progress
Programming
DQ7
Toggle
0
0
No Toggle
0
Program/Erase in Auto-Erase
0
Toggle
0
1
(Note 1)
0
Erase
Suspend
Mode
Erase Sector Address
1
No Toggle
0
0
Toggle
(Note 1)
1
Non-Erase Sector Address
Data
Data
Data
Data
Data (Note
2)
1
Program in Erase Suspend
DQ7
(Note 2)
Toggle
0
0
1
(Note 2)
0
Exceeded
Time Limits
Programming
DQ7
Toggle
1
0
No Toggle
0
Program/Erase in Auto-Erase
0
Toggle
1
1
(Note 3)
0
Program in Erase Suspend
DQ7
Toggle
1
0
No Toggle
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com