Electronic Components Datasheet Search
  English  ▼

X  

AM29LV008B Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29LV008B
Description  8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008B Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29LV008B Datasheet HTML 31Page - Advanced Micro Devices AM29LV008B Datasheet HTML 32Page - Advanced Micro Devices AM29LV008B Datasheet HTML 33Page - Advanced Micro Devices AM29LV008B Datasheet HTML 34Page - Advanced Micro Devices AM29LV008B Datasheet HTML 35Page - Advanced Micro Devices AM29LV008B Datasheet HTML 36Page - Advanced Micro Devices AM29LV008B Datasheet HTML 37Page - Advanced Micro Devices AM29LV008B Datasheet HTML 38Page - Advanced Micro Devices AM29LV008B Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Am29LV008T/Am29LV008B
35
PRELIMINARY
AC CHARACTERISTICS
Write (Erase/Program) Operations
Alternate CE Controlled Writes
Notes:
1. Not 100% tested.
2. The duration of the program or erase operation is variable and is calculated in the internal algorithms.
3. Does not include the preprogramming time.
Parameter Symbols
-90R
-100
-120
-150
JEDEC
Standard
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
120
150
ns
tAVEL
tAS
Address Setup Time
Min
0000
ns
tELAX
tAH
Address Hold Time
Min
50
50
50
65
ns
tDVEH
tDS
Data Setup Time
Min
50
50
50
65
ns
tEHDX
tDH
Data Hold Time
Min
0000
ns
tOES
Output Enable Setup Time
Min
0000
ns
tOEH
Output Enable
Hold Time
Read (Note 1)
Min
0000
ns
Toggle and Data Polling
(Note 1)
Min
10
10
10
10
ns
tGHEL
tGHEL
Read Recovery Time Before Write
(OE High to WE Low)
Min
0000
ns
tWLEL
tWS
WE Setup Time
Min
0000
ns
tEHWH
tWH
WE Hold Time
Min
0000
ns
tELEH
tCP
CE Pulse Width
Min
50
50
50
65
ns
tEHEL
tCPH
CE Pulse Width High
Min
30
30
30
35
ns
tWHWH1
tWHWH1
Programming Operation
Typ
9999
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 3)
Typ
1111
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com