Electronic Components Datasheet Search
  English  ▼

X  

TMXW328 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW328
Description  SAW Bandpass Filter - GSM Rx - RF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW328 Datasheet(HTML) 2 Page - TEMEX

  TMXW328 Datasheet HTML 1Page - TEMEX TMXW328 Datasheet HTML 2Page - TEMEX TMXW328 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMX W328
SAW Bandpass Filter – GSM Rx - RF
Specification (Rev 1)
April 15
th, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single ended)
Ω
-
50
(2)
-
Load Impedance (single ended)
Ω
-
50
(2)
-
Center Frequency fo
MHz
-
942.5
-
Absolute Attenuation
From 0 MHz to 880 MHz
dB
45
60
-
From 880 MHz to 905 MHz
dB
35
40
-
From 905 MHz to 915 MHz
dB
15
20
-
From 980 MHz to 982 MHz
dB
20
25
-
From 982 MHz to 1005 MHz
dB
23
26
-
From 1005 MHz to 1025 MHz
dB
30
38
-
From 1025 MHz to 1035 MHz
dB
35
40
-
From 1035 MHz to 1760 MHz
dB
40
50
-
From 1760 MHz to 2500 MHz
dB
30
40
-
Insertion Loss within 925 MHz – 960 MHz
dB
-
3.8
4.5
Passband Width
dB
-
35
-
Package type & size
Length x Width
mm²
-
3.0 x 3.0
-
Height
mm
-
1.3
1.5
Pin Out
Input
2
Output
5
Case Ground
1, 3, 4, 6
To Be Grounded
1, 3, 4, 6
Notes :
(1) Typical values are nominal performances at room temperature
(2) No External matching circuit is required (see drawing hereunder)
50
Ω / 50 Ω Configuration
.
Input
50
Ω
Single
Output
50
Ω
Single
GND
Maximum Ratings
Rating
Unit
Value
Operating Temperature Range
TA
-20 to +70
°C
Storage Temperature Range
Tstg
-40 to +85
°C
DC Voltage
VDC
10
V
Input Power
10
dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com