Electronic Components Datasheet Search
  English  ▼

X  

AS1361 Datasheet(PDF) 12 Page - ams AG

Part # AS1361
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361 Datasheet(HTML) 12 Page - ams AG

Back Button AS1361 Datasheet HTML 5Page - ams AG AS1361 Datasheet HTML 6Page - ams AG AS1361 Datasheet HTML 7Page - ams AG AS1361 Datasheet HTML 8Page - ams AG AS1361 Datasheet HTML 9Page - ams AG AS1361 Datasheet HTML 10Page - ams AG AS1361 Datasheet HTML 11Page - ams AG AS1361 Datasheet HTML 12Page - ams AG AS1361 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
12 - 13
AS1361/AS1362
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The devices are available as the standard products shown in Table 5.
Non-standard devices from 1.5 to 4.5V are available in 50mV steps. For more information and inquiries contact
http://www.austriamicrosystems.com/contact
Table 5. Ordering Information
Model
Marking
Output Current
Output Voltage
Delivery Form
Package
AS1361-BTTT-15
ASL2
150mA
1.5V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-18
ASL3
150mA
1.8V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-25
ASL4
150mA
2.5V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-26
ASL5
150mA
2.6V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-27
ASL6
150mA
2.7V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-28
ASL7
150mA
2.8V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-285
ASL8
150mA
2.85V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-30
ASL9
150mA
3.0V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-33
ASMA
150mA
3.3V
Tape and Reel TSOT23 6-pin
AS1361-BTTT-45
ASMB
150mA
4.5V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-15
ASMC
300mA
1.5V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-18
ASMD
300mA
1.8V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-25
ASME
300mA
2.5V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-26
ASMF
300mA
2.6V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-27
ASMG
300mA
2.7V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-28
ASMH
300mA
2.8V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-285
ASMI
300mA
2.85V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-30
ASMJ
300mA
3.0V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-33
ASMK
300mA
3.3V
Tape and Reel TSOT23 6-pin
AS1362-BTTT-45
ASML
300mA
4.5V
Tape and Reel TSOT23 6-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com