Electronic Components Datasheet Search
  English  ▼

X  

TMXW405 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW405
Description  SAW Bandpass Filter - US DVB-C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW405 Datasheet(HTML) 2 Page - TEMEX

  TMXW405 Datasheet HTML 1Page - TEMEX TMXW405 Datasheet HTML 2Page - TEMEX TMXW405 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMX W405
SAW Bandpass Filter – US DVB-C
Preliminary Specification (Rev-1)
March 2
nd, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (balance drive)
Ω
-
50
(2)
-
Load Impedance (balance drive)
Ω
-
50
(2)
-
Center Frequency fo
MHz
-
1090
-
Relative Attenuation (relative to ILmin)
840 MHz to 1015 MHz
dB
36
42
-
1015 MHz to 1060 MHz
dB
44
50
-
1120 MHz to 1150 MHz
dB
22
27
-
1150 MHz to 1265 MHz
dB
35
40
-
1265 MHz to 1340 MHz
dB
42
50
-
Minimum Insertion Loss in 1084 MHz - 1096 MHz
dB
3.5
4.0
5.5
Amplitude Ripple in 1084 MHz - 1096 MHz
dB
-
1.0
3.0
Package type & size
Length x Width
mm²
-
3.8 x 3.8
-
Height
mm
-
1.3
1.5
Pin Out
Input
1, 2
Output
5, 6
Case Ground
4, 8
To Be Grounded
3, 7
Notes :
(1) Typical values are nominal performances at room temperature
(2) No external matching circuit is required
50
Ω / 50 Ω Configuration
Input
50
Ω
Single
Output
50
Ω
Single
GND
Maximum Ratings
Rating
Unit
Value
Operating Temperature Range
TA
-40 to +85
°C
Storage Temperature Range
-40 to +85
°C
Input Power Level
0
dBm
DC Voltage
0
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com