Electronic Components Datasheet Search
  English  ▼

X  

TMXW404 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW404
Description  SAW Bandpass Filter - Digital TV Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW404 Datasheet(HTML) 2 Page - TEMEX

  TMXW404 Datasheet HTML 1Page - TEMEX TMXW404 Datasheet HTML 2Page - TEMEX TMXW404 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMX W404
SAW Bandpass Filter – Digital TV Application
Tentative Specification (Rev 1)
March 2
nd, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Operating Temperature Range: [-10°C to +85°C]
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (balance drive)
Ω||nH
-
200 || 39
-
Load Impedance (balance drive)
Ω||nH
-
200 || 39
-
Center Frequency fo
MHz
-
1120
-
Absolute Attenuation
500 to 860 MHz
dB
50
55
-
1000 MHz to 1065 MHz
dB
55
60
-
1180 MHz to 1200 MHz
dB
32
38
2050 MHz to 2200 MHz
dB
48
53
Attenuation relative to IL at 1028 MHz
dB
58
62
-
Maximum Insertion Loss in 1104 MHz - 1136 MHz
dB
-
3.5
4.0
Amplitude Ripple in 1104 MHz - 1136 MHz
dB
-
0.5
1.0
Group Delay Ripple in 1104 MHz - 1136 MHz
ns
-
12
-
Return Loss
dB
14
-
-
Input Balance (S11 = S22) in 1104 MHz - 1136 MHz
%
-
±10
-
Output Balance (S11 = S22) in 1104 MHz - 1136 MHz
%
-
±10
-
Phase Shift (S31= S42) in 1104 MHz - 1136 MHz
°
-
2
-
Package type & size
Length x Width
mm²
-
3.8 x 3.8
-
Height
mm
-
1.3
1.5
Pin Out
Input
1, 2
Output
5, 6
Case Ground
4, 8
To Be Grounded
3, 7
Notes :
(1)
Typical values are nominal performances at room temperature
CONFIGURATION
31
Input
Balance Drive
Output
Balance Drive
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com