Electronic Components Datasheet Search
  English  ▼

X  

MAX5091 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5091
Description  28V, 100mA, Low-Quiescent-Current LDO with Reset and Power-Fail Input/Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5091 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5091 Datasheet HTML 1Page - Maxim Integrated Products MAX5091 Datasheet HTML 2Page - Maxim Integrated Products MAX5091 Datasheet HTML 3Page - Maxim Integrated Products MAX5091 Datasheet HTML 4Page - Maxim Integrated Products MAX5091 Datasheet HTML 5Page - Maxim Integrated Products MAX5091 Datasheet HTML 6Page - Maxim Integrated Products MAX5091 Datasheet HTML 7Page - Maxim Integrated Products MAX5091 Datasheet HTML 8Page - Maxim Integrated Products MAX5091 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
28V, 100mA, Low-Quiescent-Current LDO
with Reset and Power-Fail Input/Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (MAX5091A)
(VS = +14V, VOUT = 5V, EN unconnected, TA = TJ = -40°C to +125°C, CIN = 10µF, COUT = 10µF, unless otherwise noted. Typical
specifications are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VS to GND ..............................................................-0.3V to +28V
VS to GND (t
≤ 1s) ..................................................-0.3V to +40V
VOUT to GND ..........................................................-0.3V to +20V
VS to OUT ...............................................................-0.3V to +28V
RES, SO to GND.....................................................-0.3V to +20V
RES, SO Output Sink Current................................................5mA
VOUT Short Circuit (VS
≤ 16V)…………......................Continuous
EN, SI to GND.........................................................-0.3V to +12V
CT to GND.............................-0.3V to the lower of VOUT or +12V
Continuous Power Dissipation (TA = +70°C)
8-Pin SO-EP (derate 19.2mW/°C above +70°C) .........1538mW*
Thermal Resistance (
θJA)................................................52°C/W
Thermal Resistance (
θJC)..................................................6°C/W
8-Pin TDFN-EP (derate 24.4mW/°C above +70°C).....1951mW**
Thermal Resistance (
θJA)................................................41°C/W
Thermal Resistance (
θJC)...............................................8.3°C/W
Operating Junction Temperature Range ...........-40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C, IOUT = 1mA
4.95
5
5.05
5.6V ≤ VS ≤ 28V, IOUT = 1mA to 50mA (Note 2)
4.90
5
5.10
5.6V ≤ VS ≤ 40V, t ≤ 1s, IOUT = 1mA to 30mA
(Note 2)
4.9
5
5.1
Output Voltage
VOUT
VS = +8V, IOUT = 1mA to 100mA
4.9
5
5.1
V
IOUT = 10mA
0.1
0.25
IOUT = 50mA
0.2
0.4
Dropout Voltage
VDP
VS = +4.75V
IOUT = 100mA
0.3
0.5
V
VS to VOUT Difference in
Undervoltage
VIO
VS = +4V, IOUT = 35mA
0.4
V
Line Regulation
VOL
+5.5V ≤ VS ≤ +28V, IOUT = 1mA
0.6
5
mV
Load Regulation
VOLO
1mA ≤ IOUT ≤ 100mA
17
50
mV
Current Limit
ILIM
160
260
400
mA
IOUT = 100µA
46
100
IOUT = 300µA
45
100
µA
Quiescent Current
IQ
IOUT = 100mA
4.5
10
mA
Shutdown Supply Current
ISHDN
VEN ≤ +0.4V
17
30
µA
Thermal-Shutdown
Temperature
TJ(SHDN)
Temperature rising
+165
°C
Thermal-Shutdown
Hysteresis
ΔTJ(SHDN)
20
°C
*As per JEDEC51 Standard (single-layer board).
**As per JEDEC51 Standard (multilayer board).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com