Electronic Components Datasheet Search
  English  ▼

X  

FUW326 Datasheet(PDF) 2 Page - TEMEX

Part # FUW326
Description  SAW Resonator - Remote Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

FUW326 Datasheet(HTML) 2 Page - TEMEX

  FUW326 Datasheet HTML 1Page - TEMEX FUW326 Datasheet HTML 2Page - TEMEX FUW326 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FR W326
SAW Resonator – Remote Control
Specification (Rev-1)
March 15
th, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Parameters
Unit
Minimum
Typical
Maximum
Center Frequency (fc)
MHz
433.845
-
433.995
Tolerance from 433.92 MHz (∆ fc)
kHz
-
-
± 75
Insertion Loss (IL)
dB
-
1.5
2
Quality Factor
Unloaded Q (Qu)
-
12.500
-
50
Ω Loaded Q (Ql)
-
2.000
-
Temperature Stability
Turnover Temperature (T0)
°c
25
40
55
Turnover Frequency (fo)
kHz
-
fc
2.5
Frequency Temperature Coefficient (FTC)
ppm/°c
2
-
0.037
-
Frequency Aging Absolute Value during the First
Year |fA|
ppm/yr
-
≤ 10
DC Insulation Resistance Between any Two Pins
M
Ω
1.0
-
-
RF Equivalent RLC Model
Motional Resistance (RM)
Ω
-
19
29
Motional Inductance (LM)
µH
-
120.311
-
Motional Capacitance (CM)
FF
2.1240
-
Pin 1 to Pin 2 Static Capacitance (CO)
pF
1.8
2.1
2.4
Pin Out
Input
1
Output
2
Ground
3
Maximum Ratings
Rating
Unit
Value
Operating Temperature Range
-40 to +85
°C
DC Voltage Between Any Two pins
± 30
VDC
CW RF Power Dissipation
+ 10
dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com