Electronic Components Datasheet Search
  English  ▼

X  

TMXW313 Datasheet(PDF) 3 Page - TEMEX

Part # TMXW313
Description  SAW Bandpass Filter - DCS1800 Rx - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW313 Datasheet(HTML) 3 Page - TEMEX

  TMXW313 Datasheet HTML 1Page - TEMEX TMXW313 Datasheet HTML 2Page - TEMEX TMXW313 Datasheet HTML 3Page - TEMEX TMXW313 Datasheet HTML 4Page - TEMEX TMXW313 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX W313
SAW Bandpass Filter – DCS1800 Rx - RF
Specification (Rev.2)- RF
Specification (Rev 2)
September 25
th, 2005
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single)
Ohms
-
50
-
Load Impedance (single)
Ohms
-
50
-
Center Frequency fc
MHz
-
1842.42
-
Bandwidth at -3dB
MHz
75
-
-
Absolute Attenuation
DC to 1500 MHz
dB
20
25
-
1600 MHz to 1710 MHz
dB
22
25
-
1710 MHz to 1785 MHz
dB
10
24
-
1920 MHz to 3120 MHz
dB
25
28
-
3120 MHz to 4000 MHz
dB
17
30
-
Insertion Loss within 1805 MHz ~ 1880 MHz
dB
-
2.2
3.8
VSWR within 1805 MHz ~ 1880 MHz
-
1.9
2.6
Ripple within 1805 MHz ~ 1880 MHz
dB
-
1.3
2.3
Matching Network
Input
50
Ω
Single
Output
50
Ω
Single
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com