Electronic Components Datasheet Search
  English  ▼

X  

JFC050C Datasheet(PDF) 2 Page - Tyco Electronics

Part # JFC050C
Description  dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JFC050C Datasheet(HTML) 2 Page - Tyco Electronics

  JFC050C Datasheet HTML 1Page - Tyco Electronics JFC050C Datasheet HTML 2Page - Tyco Electronics JFC050C Datasheet HTML 3Page - Tyco Electronics JFC050C Datasheet HTML 4Page - Tyco Electronics JFC050C Datasheet HTML 5Page - Tyco Electronics JFC050C Datasheet HTML 6Page - Tyco Electronics JFC050C Datasheet HTML 7Page - Tyco Electronics JFC050C Datasheet HTML 8Page - Tyco Electronics JFC050C Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Tyco Electronics Corp.
Data Sheet
October 1999
dc-dc Converters; 18 to 36 Vdc Input, 15 Vdc Output; 50 W to 100 W
JFC050C, JFC075C, JFC100C Power Modules:
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Table 1. Input Specifications
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The
safety agencies require a normal-blow fuse with a maximum rating of 20 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Symbol
Min
Max
Unit
Input Voltage (continuous)
VI
—
50
V
I/O Isolation Voltage (for 1 minute)
——
1500
Vdc
Operating Case Temperature
(See Thermal Considerations section.)
TC
–40
100
°C
Storage Temperature
Tstg
–55
125
°C
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
18
28
36
Vdc
Maximum Input Current
(VI = 0 V to 75 V; IO = IO, max):
JFC050C
JFC075C
JFC100C (See Figure 1.)
II, max
II, max
II, max
—
—
—
—
—
—
4.55
6.76
9.10
A
A
A
Inrush Transient
i2t
——
2.0
A2s
Input Reflected-ripple Current, Peak-to-peak
(5 Hz to 20 MHz, 12 µH source impedance;
see Figure 8.)
II
—
10
—
mAp-p
Input Ripple Rejection (120 Hz)
——
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com