Electronic Components Datasheet Search
  English  ▼

X  

JFC100C Datasheet(PDF) 4 Page - Tyco Electronics

Part # JFC100C
Description  dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JFC100C Datasheet(HTML) 4 Page - Tyco Electronics

  JFC100C Datasheet HTML 1Page - Tyco Electronics JFC100C Datasheet HTML 2Page - Tyco Electronics JFC100C Datasheet HTML 3Page - Tyco Electronics JFC100C Datasheet HTML 4Page - Tyco Electronics JFC100C Datasheet HTML 5Page - Tyco Electronics JFC100C Datasheet HTML 6Page - Tyco Electronics JFC100C Datasheet HTML 7Page - Tyco Electronics JFC100C Datasheet HTML 8Page - Tyco Electronics JFC100C Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Tyco Electronics Corp.
Data Sheet
October 1999
dc-dc Converters; 18 to 36 Vdc Input, 15 Vdc Output; 50 W to 100 W
JFC050C, JFC075C, JFC100C Power Modules:
General Specifications
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations sections for further information.
Table 4. Feature Specifications
* These are manufacturing test limits. In some situations, results may differ.
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
2,700,000
hours
Weight
——
100 (3.5)
g (oz.)
Parameter
Symbol
Min
Typ
Max
Unit
Remote On/Off Signal Interface
(VI = 0 V to 36 V; open collector or equivalent compatible;
signal referenced to VI(–) terminal; see Figure 11 and
Feature Descriptions.):
JFCxxxC1 Preferred Logic:
Both Primary and Secondary Referenced Remote On/Off:
Logic Low—Module On
Logic High—Module Off
JFCxxxC Optional Logic (optional for primary referenced
remote on/off only):
Primary Referenced Remote On/Off:
Logic Low—Module Off
Logic High—Module On
Secondary Referenced Remote On/Off:
Logic Low—Module On
Logic High—Module Off
Logic Low:
Ion/off = 1.0 mA
Von/off = 0.0 V
Logic High (open collector):
Ion/off = 0.0 µA
Leakage Current
Turn-on Time
(IO = 80% of IO, max; VO within ±1% of steady state)
Von/off
Ion/off
Von/off
Ion/off
—
0
—
—
—
—
—
—
—
—
20
1.2
1.0
15
50
35
V
mA
V
µA
ms
Output Voltage Adjustment (See Feature Descriptions.):
Output Voltage Remote-sense Range
Output Voltage Set-point Adjustment (trim) Range
(Note: Ensure that the combination of remote-sense and trim
do not exceed 15.5 V on the output.)
—
—
—
50
—
—
0.5
103
V
%VO, nom
Output Overvoltage Protection
—
16.7*
—
20.0*
V
Synchronization:
Clock Amplitude
Clock Pulse Width
Fan-out
Capture Frequency Range
—
—
—
—
4.00
0.4
—
425
—
—
—
—
5.00
—
1
575
V
µs
—
kHz
Output Current Monitor (IO = IO, max, TC = 70 °C):
JFC050C
JFC075C
JFC100C
IO, mon
IO, mon
IO, mon
—
—
—
1.28
0.96
0.64
—
—
—
V/A
V/A
V/A
Overtemperature Protection (See Figure 18.)
TC
—
105
—°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com