Electronic Components Datasheet Search
  English  ▼

X  

TMXW352 Datasheet(PDF) 5 Page - TEMEX

Part # TMXW352
Description  SAW Bandpass Filter - WCDMA Tx - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW352 Datasheet(HTML) 5 Page - TEMEX

  TMXW352 Datasheet HTML 1Page - TEMEX TMXW352 Datasheet HTML 2Page - TEMEX TMXW352 Datasheet HTML 3Page - TEMEX TMXW352 Datasheet HTML 4Page - TEMEX TMXW352 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TMX W352
SAW Bandpass Filter – WCDMA Tx - RF
Specification (Rev.1)- RF
Specification (Rev 1)
September 25
th, 2005
4
Maximum Ratings
Storage Temperature Range
°C
[-40°C ; +85°C]
Operating temperature
°C
[-40°C ; +85°C]
DC voltage
V
0
Input Power
dBm
13
Marking
LINE 1
LINE 2
Line 1: "NNNN" is the reference to Temex Part number with only the last 4 digits
Line 2: RYWWZZ is the date code as:
R: Partner identifier.
Y: last digit of the year.
WW: number of week in the year
ZZ: Lot number in the week (from AA to ZZ).
Packaging
Scanning Orientation
3
1 – Temex Label
2 – ESD Prevention Label
3 – Pb Free Label



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com