Electronic Components Datasheet Search
  English  ▼

X  

AD8412ABRMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8412ABRMZ
Description  −2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 10V/V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8412ABRMZ Datasheet(HTML) 2 Page - Analog Devices

  AD8412ABRMZ Datasheet HTML 1Page - Analog Devices AD8412ABRMZ Datasheet HTML 2Page - Analog Devices AD8412ABRMZ Datasheet HTML 3Page - Analog Devices AD8412ABRMZ Datasheet HTML 4Page - Analog Devices AD8412ABRMZ Datasheet HTML 5Page - Analog Devices AD8412ABRMZ Datasheet HTML 6Page - Analog Devices AD8412ABRMZ Datasheet HTML 7Page - Analog Devices AD8412ABRMZ Datasheet HTML 8Page - Analog Devices AD8412ABRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet
AD8412A
−2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense
Amplifier with PWM Rejection and Gain 10V/V
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2024 Analog Devices, Inc. Al l rights rese rve d.
FUNCTIONAL BLOCK DIAGRAM
Figure 3. Functional Block Diagram
+IN
OUT
GND
VS = 2.9V TO 5.5V
60kΩ
60kΩ
600kΩ
570kΩ
60kΩ
60kΩ
+
–
LOAD
RSHUNT
ISHUNT
VCM = 50V
–IN
+IN
VOUT
VS
AD8412A
GAIN = 10
VS
VREF2
VREF1
VS/2
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com