Electronic Components Datasheet Search
  English  ▼

X  

LTC4271 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4271
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 20Page - Analog Devices LTC4271 Datasheet HTML 21Page - Analog Devices LTC4271 Datasheet HTML 22Page - Analog Devices LTC4271 Datasheet HTML 23Page - Analog Devices LTC4271 Datasheet HTML 24Page - Analog Devices LTC4271 Datasheet HTML 25Page - Analog Devices LTC4271 Datasheet HTML 26Page - Analog Devices LTC4271 Datasheet HTML 27Page - Analog Devices LTC4271 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 39
CLASSIFICATION
802.3af (Type 1) Classification
A PD may optionally present a classification signature to the PSE
to indicate the maximum power it will draw while operating. The
IEEE specification defines this signature as a constant current draw
when the PSE port voltage is in the VCLASS range (between 15.5V
and 20.5V) as shown in Figure 40, with the current level indicating
one of five possible PD signatures. Figure 39 shows a typical PD
load line, starting with the slope of the 25k signature resistor below
10V, then transitioning to the classification signature current (in this
case, Class 3) in the VCLASS range. Table 12 shows the possible
classification values.
Figure 39. PD Classification
Figure 40. Type 1 or Type 2 PSE, 1-Event Class Sequence
Table 12. Type 1 and Type 2 PD Classification Values
CLASS
RESULT
Class 0
No Class Signature Present; Treat Like Class 3
Class 1
3.84W
Class 2
6.49W
Class 3
13W
Class 4
25.5W (802.3at, Type 2)
If classification is enabled, the PSE will classify the PD immediately
after a successful detection cycle. The PSE measures the PD
classification signature by applying VCLASS to the port via OUTn
and measuring the resulting current; it then reports the PD request-
ed Class in the appropriate Port Status register. In Auto mode
the LTC9101-2B/LTC9102 sets 2P Police, Current Limit, and DC
Disconnect thresholds accordingly.
Classification is disabled for a port when the port is in shutdown
mode or when the corresponding Class Enable bit is cleared.
LLDP Classification
Introduced in 802.3at and extended by 802.3bt, the PoE specifica-
tion defines a Link Layer Discovery Protocol (LLDP) method of
classification. The LLDP method adds extra fields to the Ethernet
LLDP data protocol.
Although the LTC9101-2B/LTC9102 is compatible with this classifi-
cation method, it cannot perform LLDP classification directly since it
does not have access to the data path. LLDP classification allows
the host to perform LLDP communication with the PD and update
the PD’s power allocation. The LTC9101-2B/LTC9102 supports
changing the 2P Police levels dynamically, enabling system-level
LLDP support.
802.3at 2-Event Classification
In 802.3at, 802.3af classification is named Type 1 classification.
The 802.3at standard introduces an extension of Type 1 classifica-
tion: Type 2 (2-event) classification. Type 2 PSEs are required to
perform classification.
A Type 2 PD requesting 25.5W presents class signature 4 during
all class events. If a Type 2 PSE with 25.5W of available power
measures class signature 4 during the first class event, it forces the
PD to VMARK (9V typical), pauses briefly, and issues a second class
event as shown in Figure 41. The second class event informs the
PD that the PSE has allocated 25.5W.
Figure 41. Type 2 PSE, 2-Event Class Sequence
Note that the second classification event only runs if required by the
IEEE classification procedure. For example, a Class 0 to 3 PD will
only be issued a single class event as shown in Figure 40.
The concept of demotion is introduced in 802.3at. A Type 2 PD may
be connected to a PSE only capable of delivering 13W, perhaps
due to power management limitations. In this case, the PSE will
perform a single classification event as shown in Figure 40, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com