Electronic Components Datasheet Search
  English  ▼

X  

LTC4263 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4263
Description  24-/48-Port IEEE 802.3bt PoE PSE Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4263 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4263 Datasheet HTML 18Page - Analog Devices LTC4263 Datasheet HTML 19Page - Analog Devices LTC4263 Datasheet HTML 20Page - Analog Devices LTC4263 Datasheet HTML 21Page - Analog Devices LTC4263 Datasheet HTML 22Page - Analog Devices LTC4263 Datasheet HTML 23Page - Analog Devices LTC4263 Datasheet HTML 24Page - Analog Devices LTC4263 Datasheet HTML 25Page - Analog Devices LTC4263 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
Data Sheet
LTC9101-2B/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 22 of 39
OPERATING MODES
The LTC9101-2B/LTC9102 controls up to 48 independent channels,
each of which can operate in one of three modes: manual, semi-au-
to, or auto. A fourth mode, shutdown, disables the port (see Table
9).
Table 9. Operating Modes
MODE
AUTO
MODE
PORT
MODE
DETECT/
CLASS
POWER-UP
AUTOMATIC
THRESHOLD
ASSIGNMENT
Auto
1
11b
Enabled at
Reset
Automatically
Yes
0
11b
Host Enabled
Automatically
Yes
Semi-
Auto
0
10b
Host Enabled
Upon Request
Yes
Manual 0
01b
Once Upon
Request
Upon Request
Yes
Shutdo
wn
0
00b
Disabled
Disabled
No
In manual mode, the port waits for instructions from the host system
before taking any action. It runs a single detection or classification
cycle when commanded to by the host, and reports the result in
its Port Status register. The host system can command the port to
apply or remove power at any time.
In semi-auto mode, the port repeatedly attempts to detect and
classify any PD attached to it. It reports the status of these attempts
back to the host, and waits for a command from the host before
applying power to the port. The host must enable detection and
classification. The detection and classification results must be valid
for power to be applied.
Auto mode operates the same as semi-auto mode except it will au-
tomatically apply power to the port if detection and classification re-
sults are valid. Auto mode will autonomously set the 2P Police and
ILIM-2P values based on the PSE assigned Class. This operational
mode may be entered by tying the PWRMD0 pin to VEE through a
resistor as listed in Table 14, or by changing the operating mode
register to Auto mode. See the Auto Mode Maximum PSE Power
section.
In shutdown mode the port is disabled and will not detect, class, or
power a PD.
Regardless of which mode it is in, the LTC9101-2B/LTC9102 will
remove power automatically from any port that generates a fault.
If disconnect detection is enabled, power will automatically be
removed from any port that generates a disconnect event. The host
controller may also command the port to remove power at any time.
Reset and PWRMD
The initial LTC9101-2B/LTC9102 configuration depends on the
state of PWRMD0 during reset. Reset occurs at power-up, whenev-
er RESET is pulled low, or when the global Reset All bit is set.
Changing the state of PWRMD0 after power-up will not change the
port behavior of the LTC9101-2B/LTC9102 until a reset occurs. The
PWRMD1 pin is reserved for future use.
With auto mode enabled via RPWRMD, each port will detect and
classify repeatedly until a PD is discovered. When a PD is discov-
ered, the port sets 2P Police according to the PSE assigned Class,
applies power to valid PDs, and removes power when a fault is
detected.
Table 10 shows the 2P Police value that is automatically set in
auto mode, based on the PSE assigned Class. The DC Disconnect
threshold is 7.0mA (typ) for all PSE assigned Classes and the 4P
Police value has no effect.
Table 10. Typical Auto Mode Power On Thresholds
PSE ASSIGNED CLASS
2P POLICE (W)
0
15.5
1
4
2
7
3
15.5
4
30
CLASS 4+, TYPE 1 LIMITED
15.5
CONNECTION CHECK
Connection Check Overview
IEEE 802.3bt introduces connection check, a mechanism for 4-pair
PSEs to discover a PD's signature configuration: single-signature,
dual-signature, or an invalid (non-PD) result. The connection check
result determines if and how a 4-pair capable PSE should provide
4-pair power.
In 802.3at, only one PD configuration was described; this is known
as a single-signature PD and is shown in Figure 36. A single-sig-
nature PD presents the same 25k detection resistor to both the
pairsets in parallel.
New in 802.3bt is the dual-signature PD. A dual-signature PD
presents two fully independent 25k detection signature resistors,
one to each pairset.
802.3bt 2-pair PSEs—including the LTC9101-2B/LTC9102—do not
perform connection check. Single- and dual-signature PDs are
treated the same: the PSE detects, classifies, and applies power
to a single pairset. High-power PDs are demoted by the PSE to a
lesser allocated Class. Dual-signature PDs are allocated power on
one pairset only.
DETECTION
Detection Overview
To avoid damaging network devices that were not designed to
tolerate DC voltage, a PSE must determine whether the connected
device is a valid PD before applying power. The IEEE 802.3 specifi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com