Electronic Components Datasheet Search
  English  ▼

X  

AX102248 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX102248
Description  KeyConnect Single-Gang Faceplate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX102248 Datasheet(HTML) 1 Page - Belden Inc.

  AX102248 Datasheet HTML 1Page - Belden Inc. AX102248 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: KEYCONNECT SG FACEPLATES
KeyConnect Single-Gang Faceplate
Product Description
KeyConnect Faceplate, Single Gang, Flush, Compatible with KeyConnect style modular jacks
Technical Specifications
Product Overview
Suitable Applications:
Compatible with a variety of modules that are suitable for use with Belden IBDN Systems 10GX, 4800, 3600, 2400, 1200, fiber and coax
Physical Characteristics (Overall)
Height:
4.5 m
Width:
2.75
Depth:
0.26
Front Connection:
Flush
Packaging:
Individually packaged in a plastic bag.
Weight:
0.06 kg
Connectors
Materials
Material
Plastic - UL94V-0
Temperature Range
Installation Temperature Range:
-10 to 60°C
Storage Temperature Range:
-40 to 70°C
Operating Temperature Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Connector/Hardware Retention:
20 lbs
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible with KeyConnect-style Modular Jacks 10GX, CAT6+, CAT5E and KeyConnect-style Fiber and Coax Connectors
Variants
Item #
Color
Port Count


Similar Part No. - AX102248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
More results

Similar Description - AX102248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102249 ETC2-AX102249 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102251 ETC2-AX102251 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port w/ID Windows Single-Gang
AX102428 ETC2-AX102428 Datasheet
103Kb / 3P
Faceplates and Panels - MediaFlex Faceplate Kit for KeyConnect Modules 4-Port, Flush, Single-gang
AX102660 ETC2-AX102660 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 1-Port w/ID Windows Single-Gang
logo
Tripp Lite. All Rights ...
N042D-100-WH TRIPPLITE-N042D-100-WH Datasheet
153Kb / 2P
Single-Gang Faceplate, Decora Style - Vertical, White
N042D-200-WH TRIPPLITE-N042D-200-WH Datasheet
156Kb / 2P
Double-Gang Faceplate, Decora Style - Vertical, White
N042D-300-WH TRIPPLITE-N042D-300-WH Datasheet
157Kb / 2P
Triple-Gang Faceplate, Decora Style - Vertical, White
logo
PANDUIT CORP.
NK4FIWY PANDUIT-NK4FIWY Datasheet
124Kb / 1P
NETKEY 4 POSITION SINGLE GANG FACEPLATE WITH LABEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com