Electronic Components Datasheet Search
  English  ▼

X  

AX103121 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX103121
Description  AX103121-KeyConnect Patch Panel Flat 48 Port, 1U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX103121 Datasheet(HTML) 1 Page - Belden Inc.

  AX103121 Datasheet HTML 1Page - Belden Inc. AX103121 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: KCONN PP Flat 48 1U
AX103121-KeyConnect Patch Panel Flat 48 Port, 1U
Product Description
KeyConnect Patch Panel, 48-port, 1U, Empty
Technical Specifications
Product Overview
Suitable Applications:
Compatible with REVConnect and KeyConnect Modular Jacks and Couplers ONLY that are suitable for use with Belden IBDN Systems 10GX, 4800, 2400 and 1200.
Physical Characteristics (Overall)
Height:
44.450 mm
Width:
482.600 mm
Depth:
33.020 mm
Port Count:
48 Port
Front Connection:
Flush
Packaging:
Individually packaged in a cardboard box.
Weight:
0.454 kg
Connectors
Materials
Description Material
Panel
Steel
Construction and Dimensions
Max Capacity:
48 connectors
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2011/65/EU (RoHS 2): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, c(UL)us Listed
Related Part Numbers
Related Parts:
Compatible with 10GX, CAT6+ and CAT5E KeyConnect Modular Jacks and Modular Couplers ONLY.


Similar Part No. - AX103121

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX103114 BELDEN-AX103114 Datasheet
200Kb / 2P
AX103114-KeyConnect Patch Panel Flat 24 Port, 1U
11-19-2024
AX103116 BELDEN-AX103116 Datasheet
240Kb / 2P
AX103116-KeyConnect Patch Panel Flat 72 Port, 2U
11-19-2024
logo
List of Unclassifed Man...
AX103142 ETC2-AX103142 Datasheet
168Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit
AX103147 ETC2-AX103147 Datasheet
135Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit Upgrade
More results

Similar Description - AX103121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
logo
Tripp Lite. All Rights ...
N490016LCLC TRIPPLITE-N490016LCLC Datasheet
463Kb / 2P
16-Port Fiber Patch Panel, 1U (LC-LC)
N490016SCSC TRIPPLITE-N490016SCSC Datasheet
465Kb / 2P
16-Port Fiber Patch Panel, 1U (SC-SC)
N490016STST TRIPPLITE-N490016STST Datasheet
465Kb / 2P
16-Port Fiber Patch Panel, 1U (ST-ST)
N254-048-SH-6A TRIPPLITE-N254-048-SH-6A Datasheet
161Kb / 2P
48-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
logo
Belden Inc.
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
logo
PANDUIT CORP.
NKFP48Y PANDUIT-NKFP48Y Datasheet
115Kb / 1P
NETKEY 48 PORT MODULAR FACEPLATE PATCH PANEL
logo
Kendall Howard
1916-3-200-01 KENDALLHOWARD-1916-3-200-01 Datasheet
71Kb / 1P
1U PATCH PANEL BRACKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com