Electronic Components Datasheet Search
  English  ▼

X  

AX103258 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX103258
Description  AX103258-CAT 5E HD-110 Patch Panel, 24 Port, 1U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX103258 Datasheet(HTML) 1 Page - Belden Inc.

  AX103258 Datasheet HTML 1Page - Belden Inc. AX103258 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: CAT 5E HD-110 PP 24 1U
AX103258-CAT 5E HD-110 Patch Panel, 24 Port, 1U
Product Description
CAT5E HD-110 Patch Panel, 24-port, 1U
Technical Specifications
Product Overview
Suitable Applications:
IBDN System 1200, TIA Category 5e, ISO Class D, 1000BASE-T, 100BASE-T
Physical Characteristics (Overall)
Height:
1.72 in
Width:
19.000 in
Depth:
1.35 in
Port Count:
24 Port
Front Connection:
Flush
Packaging:
Individually packaged in a cardboard box.
Weight:
1.200 lbs
Connectors
Materials
Description Material
Panel
Steel
Construction and Dimensions
Max Capacity:
24 connectors (preloaded)
Electrical Characteristics
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Termination Resistance:
2.5 mOhm
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Footprint/Type:
HDPP
Tool Compatibility:
Gigaflex Connecting Tool (AX100749)
Plug /Jack Compatibility:
RJ45
Termination Type:
Universal T568A/B
Standards


Similar Part No. - AX103258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103258 ETC2-AX103258 Datasheet
109Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
More results

Similar Description - AX103258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
Tripp Lite. All Rights ...
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252024V TRIPPLITE-N252024V Datasheet
485Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 V-Shaped 110 Patch Panel 568B, RJ45 Ethernet
logo
PANDUIT CORP.
DP245E88TV25 PANDUIT-DP245E88TV25 Datasheet
213Kb / 2P
24 PORT 4 PAIR CAT 5e RJ2I PATCH PANEL CUSTOMER DRAWING
DP485E88TV25 PANDUIT-DP485E88TV25 Datasheet
283Kb / 2P
48 PORT 4 PAIR CAT 5e RJ21 PATCH PANEL CUSTOMER DRAWING
logo
Tripp Lite. All Rights ...
N052-048-1U TRIPPLITE-N052-048-1U Datasheet
486Kb / 2P
48-Port 1U Rack-Mount High-Density UTP 110-Type Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
N052-024 TRIPPLITE-N052-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N053-024-RBGY TRIPPLITE-N053-024-RBGY Datasheet
161Kb / 2P
24-Port 1U Rack-Mount 110-Type Color-Coded Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com