Electronic Components Datasheet Search
  English  ▼

X  

AX103262 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX103262
Description  AX103262-CAT 5E UHD Patch Panel, 48 Port, 1U
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX103262 Datasheet(HTML) 1 Page - Belden Inc.

  AX103262 Datasheet HTML 1Page - Belden Inc. AX103262 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: CAT 5E UHD PP 48 1U
AX103262-CAT 5E UHD Patch Panel, 48 Port, 1U
Product Description
CAT5E Ultra-High Density Patch Panel, 48-port, 1U
Technical Specifications
Product Overview
Suitable Applications:
IBDN System 1200, TIA Category 5E, ISO Class D, 1000BASE-T
Physical Characteristics (Overall)
Height:
1.75 in
Width:
19.000 in
Depth:
1.36 in
Port Count:
48 Port
Front Connection:
Flush
Packaging:
Individually packaged in a cardboard box.
Weight:
1.900 lbs
Connectors
Materials
Description Material
Panel
Steel
Construction and Dimensions
Max Capacity:
48 connectors (preloaded)
Electrical Characteristics
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Termination Resistance:
2.5 mOhm
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Footprint/Type:
UHD
Tool Compatibility:
Gigaflex Connecting Tool (AX100749)
Plug /Jack Compatibility:
RJ45
Termination Type:
Universal T568A/B
Standards


Similar Part No. - AX103262

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103260 ETC2-AX103260 Datasheet
109Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
logo
Belden Inc.
AX103260 BELDEN-AX103260 Datasheet
170Kb / 2P
AX103260-CAT 5E HDPatch Panel, BIX 24 Port, 1U
11-19-2024
logo
List of Unclassifed Man...
AX103261 ETC2-AX103261 Datasheet
110Kb / 4P
Faceplates and Panels - HD Patch Panel - HD-Style
logo
Belden Inc.
AX103261 BELDEN-AX103261 Datasheet
193Kb / 2P
AX103261-CAT 5E HDPatch Panel, BIX 48 Port, 2U
02-03-2025
AX103263 BELDEN-AX103263 Datasheet
219Kb / 2P
AX103263-CAT 6 UHD Patch Panel, 48 Port, 1U
11-19-2024
More results

Similar Description - AX103262

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSP-80010-R-R ASSMANN-A-MCSP-80010-R-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80020-B-R ASSMANN-A-MCSP-80020-B-R Datasheet
62Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80030-R-R ASSMANN-A-MCSP-80030-R-R Datasheet
81Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80050-R ASSMANN-A-MCSP-80050-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80050-R-R ASSMANN-A-MCSP-80050-R-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
PANDUIT CORP.
DP245E88TV25 PANDUIT-DP245E88TV25 Datasheet
213Kb / 2P
24 PORT 4 PAIR CAT 5e RJ2I PATCH PANEL CUSTOMER DRAWING
DP485E88TV25 PANDUIT-DP485E88TV25 Datasheet
283Kb / 2P
48 PORT 4 PAIR CAT 5e RJ21 PATCH PANEL CUSTOMER DRAWING
DPA485E88TV25 PANDUIT-DPA485E88TV25 Datasheet
239Kb / 1P
48 PORT ANGLED 4 PAIR CAT 5e RJ21 PATCH PANEL CUSTOMER DRAWING
logo
Tripp Lite. All Rights ...
N052-048-1U TRIPPLITE-N052-048-1U Datasheet
486Kb / 2P
48-Port 1U Rack-Mount High-Density UTP 110-Type Patch Panel, RJ45 Ethernet, 568B, Cat5/5e
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com