Electronic Components Datasheet Search
  English  ▼

X  

AX102901 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX102901
Description  KeyConnect Modular Furniture Adapter, 3 or 4-Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX102901 Datasheet(HTML) 1 Page - Belden Inc.

  AX102901 Datasheet HTML 1Page - Belden Inc. AX102901 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: KEYCONNECT MODULAR FURNITURE
KeyConnect Modular Furniture Adapter, 3 or 4-Port
Product Description
KeyConnect Modular Furniture Adapter, Compatible with Keyconnect UTP and Multimedia Modules
Technical Specifications
Product Overview
Suitable Applications:
Compatible with a variety of modules that are suitable for use with Belden IBDN Systems 10GX, 4800, 3600, 2400 and 1200.
Physical Characteristics (Overall)
Height:
1.84 m
Width:
3.12
Depth:
0.19
Front Connection:
Flush
Packaging:
Individually packaged in a plastic bag
Connectors
Materials
Material
Plastic - UL94V-0
Temperature Range
Installation Temperature
Range:
-10 to 60°C
Storage Temperature Range: -10 to 75°C
Operating Temperature
Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC
(RoHS):
Yes
Flammability, LS0H, Toxicity Testing
Safety Listing:
Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible with 10GX, CAT6+ and CAT5E KeyConnect UTP and Multimedia Modules
Variants
Item #
Color
Port Count
AX103925 Almond
3 Port
AX103926 Almond
4 Port


Similar Part No. - AX102901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
More results

Similar Description - AX102901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101313 ETC2-AX101313 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101316 ETC2-AX101316 Datasheet
108Kb / 3P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101318 ETC2-AX101318 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101319 ETC2-AX101319 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX101327 ETC2-AX101327 Datasheet
111Kb / 4P
Modular Connectors - CAT6 Modular Jack - KeyConnect
AX102266 ETC2-AX102266 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Decora Adapter 4 Port
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
AX103927 ETC2-AX103927 Datasheet
100Kb / 2P
Faceplates and Panels - KeyConnect Decora Adapter 4 Port
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
Mini-Com짰 Modular Furniture Faceplates
1/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com