Electronic Components Datasheet Search
  English  ▼

X  

AX104131 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX104131
Description  KeyConnect Double-Gang Surface Adapter Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX104131 Datasheet(HTML) 1 Page - Belden Inc.

  AX104131 Datasheet HTML 1Page - Belden Inc. AX104131 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: KEYCONNECT DG SURF ADAPTER BOX
KeyConnect Double-Gang Surface Adapter Box
Product Description
KeyConnect Double-Gang Surface Adapter Box
Technical Specifications
Physical Characteristics (Overall)
Height:
4.5 m
Width:
4.59
Depth:
1.89
Front Connection:
Flush
Packaging:
Individually packaged in a plastic bag.
Weight:
0.26 kg
Connectors
Materials
Material
Plastic - UL94V-0
Temperature Range
Installation Temperature Range:
-10 to 60°C
Storage Temperature Range:
-40 to 70°C
Operating Temperature Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Connector/Hardware Retention:
20 lbs
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible with KeyConnect-style Faceplate
Variants
Item #
Color
AX104131 White
Product Notes


Similar Part No. - AX104131

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX104132 BELDEN-AX104132 Datasheet
230Kb / 2P
KeyConnect Side-Entry Box, 6, 4, 2, or 1-Port
03-04-2023
AX104133 BELDEN-AX104133 Datasheet
230Kb / 2P
KeyConnect Side-Entry Box, 6, 4, 2, or 1-Port
03-04-2023
AX104134 BELDEN-AX104134 Datasheet
230Kb / 2P
KeyConnect Side-Entry Box, 6, 4, 2, or 1-Port
03-04-2023
AX104135 BELDEN-AX104135 Datasheet
230Kb / 2P
KeyConnect Side-Entry Box, 6, 4, 2, or 1-Port
03-04-2023
More results

Similar Description - AX104131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102251 ETC2-AX102251 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port w/ID Windows Single-Gang
AX102256 ETC2-AX102256 Datasheet
104Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 12-Port w/ID Windows Double-Gang
AX102257 ETC2-AX102257 Datasheet
104Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 12-Port w/ID Windows Double-Gang
AX102660 ETC2-AX102660 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 1-Port w/ID Windows Single-Gang
logo
Tripp Lite. All Rights ...
N080-SMB1-WH TRIPPLITE-N080-SMB1-WH Datasheet
500Kb / 2P
Single-Gang Surface-Mount Junction Box, White
logo
Molex Electronics Ltd.
1301280150 MOLEX-1301280150 Datasheet
151Kb / 1P
FD BOX, SINGLE GANG FOR WATERTITE PRODUCTS
2013/11/08
logo
Tripp Lite. All Rights ...
N042U-MB2 TRIPPLITE-N042U-MB2 Datasheet
46Kb / 2P
Double-Gang Surface Mounting Box, UK Style, 86 x 147 x 47 mm, White
N042U-WF2-2 TRIPPLITE-N042U-WF2-2 Datasheet
36Kb / 2P
Double-Gang UK-Style Gang Frame for Insert Modules, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com