Electronic Components Datasheet Search
  English  ▼

X  

AX104129 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX104129
Description  KeyConnect Single-Gang Surface Adapter Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX104129 Datasheet(HTML) 1 Page - Belden Inc.

  AX104129 Datasheet HTML 1Page - Belden Inc. AX104129 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: KEYCONNECT SG SURF ADAPTER BOX
KeyConnect Single-Gang Surface Adapter Box
Product Description
KeyConnect Single-Gang Surface Adapter Box. Available in several colors.
Technical Specifications
Physical Characteristics (Overall)
Height:
4.5 m
Width:
2.75
Depth:
1.89
Front Connection:
Flush
Packaging:
Individually packaged in a plastic bag.
Weight:
0.17 kg
Connectors
Materials
Material
Plastic - UL94V-0
Temperature Range
Installation Temperature Range:
-10 to 60°C
Storage Temperature Range:
-40 to 70°C
Operating Temperature Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
KeyConnect
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible with KeyConnect-style Faceplate
Variants
Item #
Color
AX104127 Almond
AX104128 Almond
AX102657 Electric White
AX104129 Electric White


Similar Part No. - AX104129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
High Speed Data Acquisition Module
logo
Belden Inc.
AX104131 BELDEN-AX104131 Datasheet
277Kb / 2P
KeyConnect Double-Gang Surface Adapter Box
03-04-2023
AX104132 BELDEN-AX104132 Datasheet
230Kb / 2P
KeyConnect Side-Entry Box, 6, 4, 2, or 1-Port
03-04-2023
AX104133 BELDEN-AX104133 Datasheet
230Kb / 2P
KeyConnect Side-Entry Box, 6, 4, 2, or 1-Port
03-04-2023
AX104134 BELDEN-AX104134 Datasheet
230Kb / 2P
KeyConnect Side-Entry Box, 6, 4, 2, or 1-Port
03-04-2023
More results

Similar Description - AX104129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102248 ETC2-AX102248 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102249 ETC2-AX102249 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
AX102251 ETC2-AX102251 Datasheet
103Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port w/ID Windows Single-Gang
AX102428 ETC2-AX102428 Datasheet
103Kb / 3P
Faceplates and Panels - MediaFlex Faceplate Kit for KeyConnect Modules 4-Port, Flush, Single-gang
AX102660 ETC2-AX102660 Datasheet
102Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 1-Port w/ID Windows Single-Gang
logo
Tripp Lite. All Rights ...
N080-SMB1-WH TRIPPLITE-N080-SMB1-WH Datasheet
500Kb / 2P
Single-Gang Surface-Mount Junction Box, White
N206-SB01-IND TRIPPLITE-N206-SB01-IND Datasheet
157Kb / 2P
Waterproof Electrical Junction Box - Surface Mount, Industrial, Single Gang, IP67, TAA, 2 Cutouts
logo
Molex Electronics Ltd.
1301280150 MOLEX-1301280150 Datasheet
151Kb / 1P
FD BOX, SINGLE GANG FOR WATERTITE PRODUCTS
2013/11/08
logo
Tripp Lite. All Rights ...
N042E-MB1 TRIPPLITE-N042E-MB1 Datasheet
40Kb / 2P
Single-Gang Surface Mounting Box, European Style, 81 x 81 x 45 mm, White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com