Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC088FN Datasheet(PDF) 13 Page - Texas Instruments

Part # SN75LBC088FN
Description  AUI CONCENTRATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC088FN Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN75LBC088FN Datasheet HTML 8Page - Texas Instruments SN75LBC088FN Datasheet HTML 9Page - Texas Instruments SN75LBC088FN Datasheet HTML 10Page - Texas Instruments SN75LBC088FN Datasheet HTML 11Page - Texas Instruments SN75LBC088FN Datasheet HTML 12Page - Texas Instruments SN75LBC088FN Datasheet HTML 13Page - Texas Instruments SN75LBC088FN Datasheet HTML 14Page - Texas Instruments SN75LBC088FN Datasheet HTML 15Page - Texas Instruments SN75LBC088FN Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Idle
Select SRXx to
Drive GTX Driver
Enable GTX Driver
Disable GTX Driver
Any SRXx
Active
Second SRXx
Active
1st Channel
Still Active
Reset
Select 5MHz CLK
to Drive GTX Data
GRX Data
Active
Enable SCLx Drivers
Disable All SCLx
Drivers
Any SRXx
Active
Disable GTX
Driver
Disable SCLx
Drivers
SMARTSQE and no
GLOBAL Collision
Disable SCLx on
Nonactive Ports
4.1
µs Min, 4.8 µs Max
Broadcast
Collision
Idle
Reset
GCL
Active
Enable SCLx Drivers
Disable All SCLx
Drivers
Idle
Reset
GRX Data
Active
Disable All STXx
Drivers
Enable All STXx
Drivers
Select GRX Data
to Drive STXx Data
N
Y
Y
Y
N
N
Local Collision
End of Packet
Y
N
Y
N
N
Y
Y
N
N
Y
The three flows in this figure
occur in parallel. The disable
of STXx drivers is an OR function
of the three independent flows.
Disable All STXx
Drivers
Figure 9. Global Mode Control Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com