Electronic Components Datasheet Search
  English  ▼

X  

1007181 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1007181
Description  FKDSO 2,5/ 4-L GY - PCB terminal block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1007181 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1007181 Datasheet HTML 1Page - PHOENIX CONTACT 1007181 Datasheet HTML 2Page - PHOENIX CONTACT 1007181 Datasheet HTML 3Page - PHOENIX CONTACT 1007181 Datasheet HTML 4Page - PHOENIX CONTACT 1007181 Datasheet HTML 5Page - PHOENIX CONTACT 1007181 Datasheet HTML 6Page - PHOENIX CONTACT 1007181 Datasheet HTML 7Page - PHOENIX CONTACT 1007181 Datasheet HTML 8Page - PHOENIX CONTACT 1007181 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Printed circuit board terminal, nominal current: 22 A, rated voltage (III/2): 250 V, nominal cross
section: 2.5 mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4,
product range: FKDSO 2,5/..-L, pitch: 5 mm, connection method: Push-in spring connection,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: gray, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard. Product with pin output on left side
Your advantages
Time saving push-in connection, tools not required
•
Intuitive operation due to color-coded actuating push button
•
Defined contact force ensures that contact remains stable over the long term
•
Push-in technology for quick and easy wiring
•
Orthogonal alignment of the terminal block with the PCB for optimum accessibility in DIN-rail-mounted devices
•
Commercial data
Item number
1007181
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Product key
ACHADA
GTIN
4055626479095
Weight per piece (including packing)
5.51 g
Weight per piece (excluding packing)
5.272 g
Country of origin
PL
FKDSO 2,5/ 4-L GY - PCB terminal block
1007181
https://www.phoenixcontact.com/us/products/1007181
Feb 27, 2025, 2:27 AM
Page 1 (9)


Similar Part No. - 1007181

ManufacturerPart #DatasheetDescription
logo
Heyco.
10071 HEYCO-10071 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
ATGBICS by Approved Tec...
10071-C ATGBICS-10071-C Datasheet
293Kb / 8P
10071 Extreme Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
3M Electronics
100710 3M-100710 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
100711 3M-100711 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
Weidmuller
1007120000 WEIDMULLER-1007120000 Datasheet
428Kb / 4P
SL 5.00/02/90B 3.2SN GN BX
More results

Similar Description - 1007181

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732140 PHOENIX-1732140 Datasheet
94Kb / 3P
PCB terminal block - ZFKDS 2,5-5,08 L-EX
2200315 PHOENIX-2200315 Datasheet
119Kb / 4P
FKDSO 2,5/ 2-L KMGY
2200318 PHOENIX-2200318 Datasheet
120Kb / 4P
FKDSO 2,5/ 3-L KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
2854102 PHOENIX-2854102 Datasheet
80Kb / 6P
PCB terminal block - MKDSO 2,5/ 3-L KMGY
2908032 PHOENIX-2908032 Datasheet
111Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BU
2908430 PHOENIX-2908430 Datasheet
64Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BK VPE200
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
5436238 PHOENIX-5436238 Datasheet
116Kb / 6P
PCB terminal block - BC-508X10- 4 GY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com