Electronic Components Datasheet Search
  English  ▼

X  

2201728 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201728
Description  CR MSTBO-G1 (VPE1500) - Coding section
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201728 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201728 Datasheet HTML 1Page - PHOENIX CONTACT 2201728 Datasheet HTML 2Page - PHOENIX CONTACT 2201728 Datasheet HTML 3Page - PHOENIX CONTACT 2201728 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Coding section, inserted into the recess in the header or the inverted plug, red insulating material
Commercial data
Item number
2201728
Packing unit
1,500 pc
Minimum order quantity
1,500 pc
Note
Made to order (non-returnable)
Product key
ACHADB
GTIN
4046356902748
Weight per piece (including packing)
1,140 g
Weight per piece (excluding packing)
1,140 g
Country of origin
DE
CR MSTBO-G1 (VPE1500) - Coding section
2201728
https://www.phoenixcontact.com/us/products/2201728
Feb 27, 2025, 2:29 AM
Page 1 (4)


Similar Part No. - 2201728

ManufacturerPart #DatasheetDescription
logo
ITT Industries
22017 ITT-22017 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
22017-1 ITT-22017-1 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
22017-2 ITT-22017-2 Datasheet
2Mb / 120P
Cannon Rack & Panel Connectors
logo
TE Connectivity Ltd
2201712-1 TEC-2201712-1 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
2201712-2 TEC-2201712-2 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
More results

Similar Description - 2201728

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
CR TIMER
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
CR TIMER
logo
Rohm
BA225 ROHM-BA225 Datasheet
73Kb / 6P
CR timer
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
cr networks
logo
RUBYCON CORPORATION
MCRA-DP RUBYCON-MCRA-DP Datasheet
152Kb / 1P
CR-SURGE ABSORBER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
CR timer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com