Electronic Components Datasheet Search
  English  ▼

X  

2706331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2706331
Description  ME 22,5 OT-MKDSO YE - Upper housing part
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2706331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2706331 Datasheet HTML 1Page - PHOENIX CONTACT 2706331 Datasheet HTML 2Page - PHOENIX CONTACT 2706331 Datasheet HTML 3Page - PHOENIX CONTACT 2706331 Datasheet HTML 4Page - PHOENIX CONTACT 2706331 Datasheet HTML 5Page - PHOENIX CONTACT 2706331 Datasheet HTML 6Page - PHOENIX CONTACT 2706331 Datasheet HTML 7Page - PHOENIX CONTACT 2706331 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
DIN rail housing, Upper housing part for PCB terminal blocks with screw connection, width: 22.6
mm, height: 99 mm, depth: 45.85 mm, color: yellow (similar RAL 1018)
Your advantages
Tool-free mounting
•
Available in overall widths from 12.5 mm ... 90 mm, modular extension is possible
•
Flammability rating V0 in accordance with UL 94
•
Variety of connection technology
•
Can be mounted on the DIN rail
•
With integrated or DIN-rail-mountable bus connector as an option
•
Commercial data
Item number
2706331
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
ACHAAD
GTIN
4017918616182
Weight per piece (including packing)
12.83 g
Weight per piece (excluding packing)
9.21 g
Country of origin
DE
ME 22,5 OT-MKDSO YE - Upper housing part
2706331
https://www.phoenixcontact.com/us/products/2706331
Feb 28, 2025, 12:49 AM
Page 1 (8)


Similar Part No. - 2706331

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
27063 WIHA-27063 Datasheet
179Kb / 2P
Wiha Fibre-glass-reinforced Folding Rulers.
logo
PHOENIX CONTACT
2706302 PHOENIX-2706302 Datasheet
58Kb / 3P
Cover - ME B-KA KMGY
09/11/2020
2706315 PHOENIX-2706315 Datasheet
309Kb / 8P
ME 17,5 UT BK - Mounting base housing
2706344 PHOENIX-2706344 Datasheet
296Kb / 8P
ME 45 OT-MKDSO YE - Upper housing part
2706373 PHOENIX-2706373 Datasheet
371Kb / 10P
ME 17,5 OT-MSTBO SET BK - Upper housing part
More results

Similar Description - 2706331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907473 PHOENIX-2907473 Datasheet
69Kb / 4P
Electronic housing - ME 22,5 OT-MKDSO SET
2907761 PHOENIX-2907761 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-MSTBO KMGY
2914877 PHOENIX-2914877 Datasheet
55Kb / 2P
Electronic housing - ME 22,5 OT-1MSTBO KMGY
2201607 PHOENIX-2201607 Datasheet
51Kb / 2P
Upper part of housing - BC 53,6 OT U11 BK
12/02/2018
2278513 PHOENIX-2278513 Datasheet
139Kb / 10P
Upper part of housing - BC 161,6 OT U11 KMGY
09/12/2020
2278526 PHOENIX-2278526 Datasheet
175Kb / 12P
Upper part of housing - BC 161,6 OT U22 KMGY
09/12/2020
2896076 PHOENIX-2896076 Datasheet
144Kb / 10P
Upper part of housing - BC 107,6 OT U11 KMGY
09/12/2020
2202718 PHOENIX-2202718 Datasheet
301Kb / 5P
Upper part of housing - ME 12,5 OT-MKDSO BU
11/25/2021
2278940 PHOENIX-2278940 Datasheet
199Kb / 10P
Upper part of housing - ME 17,5 OTU-MKDSO KMGY
11/25/2021
1340863 PHOENIX-1340863 Datasheet
497Kb / 12P
Upper part of housing - BC 107,6 OT 1D1K1P0RKMGY
Nov 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com