Electronic Components Datasheet Search
  English  ▼

X  

TPIM002 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM002
Description  MTCA.4 Rear-I/O μRTM for TAMC261
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Embedded I/O Company
TAMC020-TM
MTCA.4 Rear-I/O µRTM for TAMC261
Application Information
The TAMC020-TM is a standard Mid-Size/Full-Size MTCA.4
compliant
Micro
Rear
Transition
Module
for
TEWS’
TAMC261.
It distributes all P14 I/O lines of a PMC residing on the
TAMC261 from the zone 3 interface connectors to a PIM
module slot.
Additional lines are connected to the M-LVDS control and
data lines of a TAMC261-2xR. These are distributed to
normally unused pins of the J10 PIM slot connector so that
a special PIM can be used to connect the M-LVDS control
and data lines to the PMC back I/O signals.
According to MTCA.4, the TAMC020-TM provides an I2C
EEPROM, an I2C temperature sensor and an I2C I/O
Extender device. The I/O Extender is used to provide
various management signals on the µRTM, with the
management being handled by the MMC of the TAMC261.
Technical Information
 Form Factor: PICMG MTCA.4 Rear Transition Module
 Board size: Double Mid-Size or Double Full-Size
 MTCA.4 compatible IPMI support
 PIM slot
 64 PMC I/O lines
 40 additional I/O lines on J10
 Front-Panel LEDs
 Blue Hot-Swap LED
 Red Failure LED (LED1)
 Green Board OK LED (LED2)
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TAMC020-TM-xx: 865.000 h
Order Information
RoHS Compliant
TAMC020-TM-10R
MTCA.4 Rear-I/O µRTM for TAMC261. Mid-Size front panel
TAMC020-TM-11R
MTCA.4 Rear-I/O µRTM for TAMC261. Full-Size front panel
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TAMC020-TM-DOC User Manual
Related Products
TPIM001
PIM I/O Module with HD50 SCSI-2 type connector
TPIM002
PIM I/O Module with HD68 SCSI-3 type connector
TPIM003
PIM I/O Module with HD68 SCSI-3 type connector
TPIM004
PIM I/O Module with 4 RJ45 connectors
TPIM005
PIM I/O Module with HD68 SCSI-3 type connector
TPIM006
PIM I/O Module for Quad 10/100/1000 Ethernet PMC
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM002

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM002 TEWS-TPIM002 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
70Kb / 1P
PIM I/O Module with 68 pin Connector
2017-08-31
TPIM002 TEWS-TPIM002 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
TPIM002 TEWS-TPIM002 Datasheet
241Kb / 2P
Conduction Cooled PMC 4 Channel High Speed Synch/Asynch Serial Interface
10/2009
More results

Similar Description - TPIM002

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L517D WINBOND-W83L517D_05 Datasheet
847Kb / 133P
LPC I/O for Notebook
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620_09 Datasheet
135Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
July 27, 2009
HT1621 HOLTEK-HT1621_09 Datasheet
186Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
October 28, 2009
HT1621 HOLTEK-HT1621_10 Datasheet
206Kb / 21P
RAM Mapping 324 LCD Controller for I/O MCU
HT1620 HOLTEK-HT1620_11 Datasheet
146Kb / 16P
RAM Mapping 324 LCD Controller for I/O MCU
April 29, 2011
logo
Advantech Co., Ltd.
ADAM-5000ECAT ADVANTECH-ADAM-5000ECAT_15 Datasheet
223Kb / 1P
4-slot Distributed High Speed I/O System for EtherCAT
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
I/O-Expander for Microcontroller
May, 2013 Ver.0.22
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
I/O-Expander for Microcontroller
May, 2013 Ver.1.2
logo
Contec Co., Ltd
COM-4CX-USB CONTEC-COM-4CX-USB Datasheet
466Kb / 2P
RS-232C 4 port Serial I/O Unit for USB
logo
Schneider Electric
140DDM69000 SCHNEIDER-140DDM69000 Datasheet
121Kb / 5P
discrete I/O module Modicon Quantum - 4 I - 125 V DC - 4 O solid state
Apr 11, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com