Electronic Components Datasheet Search
  English  ▼

X  

TAMC532 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC532
Description  32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC532 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC532 Datasheet HTML 1Page - TEWS Technologies GmbH TAMC532 Datasheet HTML 2Page - TEWS Technologies GmbH TAMC532 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.0
2021-09-28
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TAMC532 32 x 12/14 Bit 50/75 Msps ADC for MTCA.4 Rear-I/O
Application Information
The TAMC532 is an Advanced Mezzanine Card (AMC)
according to MTCA.4 (MicroTCA Enhancements for Rear
I/O and Precision Timing). 32 analog input channels allow
sampling of analog signals with 75 Msps at 12 Bit
resolution (optional 50 Msps at 14 Bit).
The TAMC532 utilizes Back-IO via Zone 3 to interface the
ADCs with the signal conditioning located on the µRTM.
This modular concept allows adapting the TAMC532 to
nearly any analog input requirement without changing the
AMC itself.
A very powerful on-board clocking structure enables using
the TAMC532 in nearly all kind of clocking scenarios. A
self-clocked application as well as synchronizing multiple
TAMC532 is possible, allowing applications with up to
several hundred simultaneous sampled channels.
Data readout can be done via several interfaces like e.g.
PCI-Express or two SFP-cages in the front panel.
The on-board DRR3 memory can be used for data
buffering in triggered applications that require subsequent
readout. Assuming sufficient data fabric bandwidth, the
DDR3 memory can also be used as double buffer,
allowing infinite data acquisition.
Up to eight backplane triggers are available, each
configurable as input or output.
The TAMC532 is equipped with a powerful Kintex-7 FPGA
for data preprocessing and transfer. By default, the
Kintex-7 FPGA is configured with a firmware that provides
a very functional readout system and full control over the
numerous clocking and trigger options. It can also be
adapted to customer needs if necessary.
In-circuit programming and debugging of the FPGA design
(e.g. using Xilinx “ChipScope”) is supported. The Program
and Debug Box TA900 or the standard Xilinx JTAG
header allows access to the module while it is inserted in a
system. In addition to the module's JTAG Chain, the
TA900 allows access to the UART of the on-board Module
Management Controller (MMC) and to two user pins of the
FPGA. If a UART core is implemented in the FPGA, serial
communication via the TA900 is possible.
The TA900 can be accessed by USB 2.0 and by a 14-pin
JTAG Header (e.g. for connecting a Xilinx Platform Cable).


Similar Part No. - TAMC532

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC532-DOC TEWS-TAMC532-DOC Datasheet
359Kb / 2P
32 x Analog-In MTCA.4 μRTM for Class A2.1
2018-08-20
TAMC532-TM TEWS-TAMC532-TM Datasheet
359Kb / 2P
32 x Analog-In MTCA.4 μRTM for Class A2.1
2018-08-20
TAMC532-TM-10R TEWS-TAMC532-TM-10R Datasheet
359Kb / 2P
32 x Analog-In MTCA.4 μRTM for Class A2.1
2018-08-20
TAMC532-TM-20R TEWS-TAMC532-TM-20R Datasheet
359Kb / 2P
32 x Analog-In MTCA.4 μRTM for Class A2.1
2018-08-20
TAMC532-TM-30R TEWS-TAMC532-TM-30R Datasheet
359Kb / 2P
32 x Analog-In MTCA.4 μRTM for Class A2.1
2018-08-20
More results

Similar Description - TAMC532

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD15700 AD-AD15700 Datasheet
1Mb / 44P
1 MSPS 16-/14-Bit Analog I/O Port
2/03-Data Sheet changed from REV. 0 to REV. A.
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
4-Channel, 12-Bit, 80-MSPS ADC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com