Electronic Components Datasheet Search
  English  ▼

X  

TAMC631 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TAMC631
Description  Spartan6 AMC with FMC Module Slot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC631 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TAMC631 Datasheet HTML 1Page - TEWS Technologies GmbH TAMC631 Datasheet HTML 2Page - TEWS Technologies GmbH TAMC631 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-10-12
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
 Form Factor: PICMG AMC.0 R2.0Module
 Board size: 180.6 mm x 73.5 mm
 Single width
 Mid-Size or Full-Size front panel
 PCIe x1 port (AMC.1 Type 1 compliant)
 Optional connection to AMC port 0 & 1 (not for
XC6SLX25T)
 IPMI V1.5 support
 Front Panel LEDs:
 Blue Hot-Swap LED
 Red Power Good LED (LED1)
 Green FPGA DONE LED (LED2)
 Spartan-6 FPGA
 Xilinx XC6SLX25T/75T/100T/150T-2
 Flash device is programmable via JTAG
FPGA clock options:
 Programmable clock generator (5 KHz –
500 MHz), three clock outputs connected to
FPGA
 Two differential reference clocks from FMC slot
 2x DDR3 SDRAM bank, 64M x 16 (128 MB) each
 64 Mbit SPI-EEPROM
 VITA 57.1 FMC slot (low pin count)
 68 single-ended or 34 differential I/O lines
 2 differential reference clocks
 x1 multi-gigabit link
 VADJ = 1.2 – 3.3 Volt
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TAMC631-xx: 260 000 h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com