Electronic Components Datasheet Search
  English  ▼

X  

TAMC641 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC641
Description  High Performance Virtex-5 AMC with FMC-Slot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC641 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC641 Datasheet HTML 1Page - TEWS Technologies GmbH TAMC641 Datasheet HTML 2Page - TEWS Technologies GmbH TAMC641 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TAMC641
High Performance Virtex-5 AMC with FMC-Slot
Application Information
The TAMC641 is a standard single Mid-Size or Full-Size
AMC module providing a user configurable Virtex-5
FPGA. The integrated PCIe Endpoint Block of the
Virtex-5 can be used to build an x1, x4 or x8 PCIe link via
AMC Port 4-11. The implementation of other protocols
like SRIO or XAUI is also possible. AMC Ports 0 & 1,
commonly used for Gigabit Ethernet, and AMC Ports
2 & 3 are also connected to the FPGA. The integrated
Gigabit Ethernet MACs of the Virtex-5 allow fast and easy
protocol implementation.
To allow direct board-to-board communication, AMC
Ports 12-17 are connected to Virtex-5 I/Os, allowing AC-
coupled LVDS communication with a port speed up to
1.0Gb/sec.
For flexible I/O solutions the TAMC641 provides a
VITA 57.1 high pin count FMC Module slot, allowing
active and passive signal conditioning. All FMC I/O lines
are directly connected to the FPGA, which maintains the
flexibility of the Select I/O technology of the Virtex-5
FPGA.
In addition, the FPGA is connected to the following
external memories:
- two banks of DDR2 SDRAM (up to 128 M x 32 (512 MB)
each)
- two banks of QDR-II SRAM (up to 4 M x 18 (8 MB)
each)
Multiple clocks from the AMC-interface, the FMC and
from on-board sources are supplied to the FPGA.
The FPGA is configured by a flash device, which is in-
system programmable and able to store multiple code
versions.
The TAMC641 supports encrypted FPGA bitstream
usage. Encrypted FPGA bitstreams cannot be copied or
reverse engineered, securing your intellectual property.
The IPMI Connectivity Records located inside the Module
Management Controller (MMC) can be modified by the
customer (e.g. via IPMI), to adapt to the different possible
communication protocols (PCIe, SRIO, XAUI, ...).
User applications for the TAMC641 require the full ISE
Foundation software, which must be purchased from
Xilinx.
The Engineering Documentation TAMC641-ED includes
all information needed for customer specific FPGA
programming.
The
FPGA
Development
Kit
TAMC641-FDK includes the engineering documentation,
ucf-files with all necessary pin assignments and basic
timing
constraints,
and
a
well
documented
VHDL
example application. This example application is called
TPLD003 (Tews
Programmable Logic
Design) and
covers the main functionalities of the TAMC641 like DMA
capable PCIe endpoint with interrupt support, register
mapping, DDR2 and QDR-II memory access and basic
I/O to the FMC slot. It comes as a Xilinx ISE project with
source code and as a ready-to-download bitstream. It is
the basis for fast and reliable customer application
development, and can significantly reduce time to market.
Software support for the TPLD003 is available for all
major operating systems.
In-circuit programming and debugging of the FPGA
design (e.g. using Xilinx “ChipScope”) is supported. The
Program and Debug Box TA900 allows access to the
module while it is inserted in a system. It provides access
to the module's JTAG Chain, the UART of the on-board
Module Management Controller (MMC) and to two user
pins of the Virtex-5 FPGA. If a UART core is implemented
in the FPGA, serial communication via the TA900 is
possible.
The TA900 can be accessed by USB 2.0 and by a 14-pin
JTAG Header (e.g. for connecting a Xilinx Platform
Cable).
For First-Time-Buyers the TA900 and the TAMC641-ED
or TAMC641-FDK is recommended.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2013-11-14
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TAMC641

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC640 TEWS-TAMC640 Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-10R TEWS-TAMC640-10R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-11R TEWS-TAMC640-11R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-12R TEWS-TAMC640-12R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-13R TEWS-TAMC640-13R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
More results

Similar Description - TAMC641

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
VIRTEX-5 XILINX-VIRTEX-5 Datasheet
698Kb / 72P
Virtex-5 Family Overview
XC5VFX130T-2FF1738I XILINX-XC5VFX130T-2FF1738I Datasheet
322Kb / 13P
Virtex-5 Family Overview
XC5VLX30-1FF676I XILINX-XC5VLX30-1FF676I Datasheet
2Mb / 91P
Virtex-5 FPGA DC Characteristics
XC5VLX30-2FFG676I XILINX-XC5VLX30-2FFG676I Datasheet
2Mb / 91P
Virtex-5 FPGA Data Sheet
XC5VLX85-3FFG676C XILINX-XC5VLX85-3FFG676C Datasheet
2Mb / 91P
Virtex-5 FPGA Data Sheet
XC5VLX110T-1FFG1136I XILINX-XC5VLX110T-1FFG1136I Datasheet
2Mb / 91P
Virtex-5 FPGA Data Sheet
XC5VLX155-1FFG1153I XILINX-XC5VLX155-1FFG1153I Datasheet
322Kb / 13P
Virtex-5 Family Overview
XC5VLX155T-3FFG1136C XILINX-XC5VLX155T-3FFG1136C Datasheet
322Kb / 13P
Virtex-5 Family Overview
DS589 XILINX-DS589 Datasheet
217Kb / 6P
Virtex-5 FPGA CRC Wizard v1.3
logo
PHOENIX CONTACT
1583878 PHOENIX-1583878 Datasheet
81Kb / 3P
Contact carriers - VC-AMC 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com