Electronic Components Datasheet Search
  English  ▼

X  

TMXW320 Datasheet(PDF) 3 Page - TEMEX

Part # TMXW320
Description  SAW Bandpass Filter - CDMA Rx - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW320 Datasheet(HTML) 3 Page - TEMEX

  TMXW320 Datasheet HTML 1Page - TEMEX TMXW320 Datasheet HTML 2Page - TEMEX TMXW320 Datasheet HTML 3Page - TEMEX TMXW320 Datasheet HTML 4Page - TEMEX TMXW320 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX W320
SAW Bandpass Filter – CDMA Rx - RF
Specification (Rev.2)- RF
Specification (Rev 2)
May 05
th, 2006
2
Technical Characteristics
Reference Temperature: +25°C
Electrical Parameters
Unit
Minimum
Typical
Maximum
Source Impedance (single ended)
Ω
-
50
-
Load Impedance (single ended)
Ω
-
50
-
Center Frequency fo
MHz
-
881.5
-
Absolute Attenuation
DC to 824 MHz
dB
40
50
-
824 MHz to 849 MHz
dB
35
47
-
921 MHz to 925 MHz
dB
24
30
-
970 MHz to 997 MHz
dB
35
64
-
997 MHz to 1150 MHz
dB
40
60
-
1150 MHz to 1500 MHz
dB
30
51
-
1500 MHz to 2000 MHz
dB
25
41
-
2000 MHz to 3000 MHz
dB
20
27
-
Insertion Loss within 869 MHz ~ 894 MHz
dB
-
2.3
3.0
VSWR within 869 MHz ~ 894 MHz
-
1.6
2.0
Ripple within 869 MHz ~ 894 MHz
dB
-
0.8
1.5
Matching Network
Input
50
Ω
Single
Output
50
Ω
Single
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com