Electronic Components Datasheet Search
  English  ▼

X  

TCP010-TM Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP010-TM
Description  CompactPCI Carrier for 2 IndustryPacks®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP010-TM Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP010-TM Datasheet HTML 1Page - TEWS Technologies GmbH TCP010-TM Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TCP213
CompactPCI Carrier for 2 IndustryPacks
®
Application Information
The TCP213 is a standard 3U CompactPCI carrier that
provides back I/O for up to two single-size or one double-
size IndustryPack (IP) modules. It is used to build
modular, flexible and cost effective I/O solutions for
applications
in
process
control,
medical
systems,
telecommunication and traffic control.
Access to all IP I/O lines is provided via J2. Status
indicators for IP access, +5V and +/-12V are provided in
the front panel.
The TCP213 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
All IP interrupt request lines are mapped to PCI INTA. For
fast interrupt source detection, the TCP213 provides a
special IP interrupt status register.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature range is -40°C
to +85°C.
The TCP213 complies with the PICMG 2.0 Revision 3.0
CompactPCI specification.
Technical Information
 3U 32 bit CompactPCI module conforming to PICMG
2.0 Rev 3.0
 PCI 2.2 compliant interface
 Board size: 160mm x 100mm
 PCI Interface : 33 MHz; 32 bit
 5V and 3.3V PCI I/O signaling voltage
 ANSI/VITA 4-1995 compliant interface to
IndustryPack modules
 IndustryPack slots: Two single-size or one
double-size
 8/32 MHz interface, no DMA
 8 MByte memory space per IP
 Routing of all IP Interrupts to PCI INTA, local
interrupt status register
 I/O access via J2
 Status LED’s
 ACK LED for each IP module
 +5V Power LED for each IP slot
 +12V and –12V Power LED
 Self Healing fuses and RF-filtering on all IP power
lines
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TCP010-TM

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP010-TM TEWS-TCP010-TM Datasheet
161Kb / 1P
Transition Module for 3U cPCI IP Carrier
2017-09-20
TCP010-TM-10R TEWS-TCP010-TM-10R Datasheet
161Kb / 1P
Transition Module for 3U cPCI IP Carrier
2017-09-20
TCP010-TM-DOC TEWS-TCP010-TM-DOC Datasheet
161Kb / 1P
Transition Module for 3U cPCI IP Carrier
2017-09-20
More results

Similar Description - TCP010-TM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
MIC-3022 ADVANTECH-MIC-3022 Datasheet
356Kb / 2P
4U Height CompactPCI® Enclosure for 3U Cards
14-Sep-2021
MIC-3023 ADVANTECH-MIC-3023 Datasheet
694Kb / 2P
3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3811 ADVANTECH-MIC-3811 Datasheet
545Kb / 2P
3U CompactPCI® Serial Dual Mini PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com